Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3282EB Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP3282EB
Description  Intelligent 2.35V to 5.5V RS-232 Transceivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3282EB Datasheet(HTML) 3 Page - Sipex Corporation

  SP3282EB Datasheet HTML 1Page - Sipex Corporation SP3282EB Datasheet HTML 2Page - Sipex Corporation SP3282EB Datasheet HTML 3Page - Sipex Corporation SP3282EB Datasheet HTML 4Page - Sipex Corporation SP3282EB Datasheet HTML 5Page - Sipex Corporation SP3282EB Datasheet HTML 6Page - Sipex Corporation SP3282EB Datasheet HTML 7Page - Sipex Corporation SP3282EB Datasheet HTML 8Page - Sipex Corporation SP3282EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Date: 02/24/05
SP3282EB Intelligent +2.35V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Output Voltage Swing
All driver outputs loaded with 3KΩ to
GND, TA=25°C
±5.0
±5.4
V
VCC=3.25V to 5.5V,
+/-3.7
VCC=2.35 to 2.95V,
Output Resistance
300
Ω
VCC = V+ = V- = 0V, VTXOUT = ±2V
Output Short-Circuit Current
±35
±60
mA
VTXOUT = GND
Ouput Leakage Current
+/-25
µAVTXOUT=+/-12V, transmitter disabled,
VCC=0V or 2.35V to 5.5V
RECEIVER INPUTS
Input Voltage Range
-25
25
V
Input Threshold
LOW
0.3
0.8
V
VL=1.8V, TA=25°C
0.6
1.2
VL=2.5V or 3.3V, TA=25°C
0.8
1.5
VL=5.0V, TA=25°C
HIGH
1.0
1.8
V
VL=1.8V, TA=25°C
1.5
2.4
VL=2.5V or 3.3V, TA=25°C
1.8
2.4
VL=5.0V, TA=25°C
Input Hysteresis
0.3
V
Input Resistance
3
5
7
kΩ
TA=25°C
AUTO ON-LINE® CIRCUITRY CHARACTERISTICS (ONLINE = GND, SHUTDOWN = VCC)
STATUS Output Voltage
LOW
0.4
V
IOUT = 1.6mA, VL=2.5V, 3.3V, 5.0V
or IOUT = +0.8mA, VL=1.8V
HIGH
VL - 0.6
VL-0.1
IOUT = -1.0mA, VL=2.5V, 3.3V, 5.0V
or IOUT = -0.5mA, VL=1.8V
Receiver Threshold to Drivers
200
µs
Enabled (tONLINE)
Receiver +/- Threshold
to Status HIGH (tSTSH)20
µs
to Status LOW (tSTSL)20
µs
AC Characteristics
Maximum Data Rate
250
kbps
SP3282EB: RL = 3kΩ, CL = 1000pF,
one driver switching
Receiver Propagation Delay
Receiver input to output, CL = 150pF
t PHL
0.15
µs
t PLH
0.15
Receiver Output Enable Time
200
ns
Normal operation
Receiver Output Disable Time
200
ns
Normal operation
Time to Exit Shutdown
100
µs|VTXOUT|>3.7V, VCC=3.3V
Driver Skew |tPHL-tPLH|
100
ns
Measured at zero crossover
Receiver Skew |tPHL-tPLH|50ns
Measured at zero crossover
Transition-Region Slew Rate
VCC = 3.3V, RL = 3kΩ to 7kΩ ,
TA = 25°C, measurements taken from
-3.0V to +3.0V or +3.0V to -3.0V
30
V/µsCL = 150pF to 1000pF
ELECTRICAL CHARACTERISTICS
V
CC = +2.35 to +5.5V, VL=+1.8 to +5.5V, C1 - C4 = 0.22µF.
T
A=TMIN to TMAX, unless otherwise noted. Typical values are at VCC=VL=+3.3V, and TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com