Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB0303 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CFB0303
Description  High Dynamic Range Low-Noise GaAs FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CFB0303 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CFB0303 Datasheet HTML 1Page - List of Unclassifed Manufacturers CFB0303 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
Absolute Maximum Ratings
Parameter
Symbol
Rating
Drain-Source Voltage
Vds
+8V
Gate-Source Voltage
Vgs
-5V
Drain Current
Ids
Idss
Continuous Dissipation1
Pt
750 mW
Channel Temperature
Tch
175°C
Storage Temperature
Tstg
-65°C to +150°C
CFB0303
Advanced Product Information - June 2002
(2 of 2)
Celeritek reserves the right to make changes without further notice to any products herein. Celeritek makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does Celeritek assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different applications. All operating
parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Celeritek does not convey any license under its patent
rights nor the rights of others. Celeritek products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or
other applications intended to support or sustain life, or for any other application in which the failure of the Celeritek product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Celeritek products for any such unintended or unauthorized application, Buyer shall indemnify and hold Celeritek and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Celeritek was negligent
regarding the design or manufacture of the part. Celeritek is a registered trademark of Celeritek, Inc. Celeritek, Inc. is an Equal Opportunity/Affirmative Action Employer.
Typical Noise Parameters (Vds = 4 V, Ids = 75 mA)
Frequency
Fmin
1
Gamma Opt
(GHz)
(dB)
Mag
Ang
Rn/50
0.8
0.4
0.6
27
0.19
1.0
0.4
0.6
29
0.17
1.2
0.4
0.6
32
0.18
1.4
0.4
0.6
35
0.18
1.6
0.4
0.5
38
0.17
1.8
0.4
0.5
41
0.16
2.0
0.5
0.5
45
0.15
2.2
0.5
0.5
49
0.15
2.4
0.5
0.5
54
0.14
2.6
0.5
0.5
60
0.13
Note: 1. Fmin values reflect the circuit losses in the test fixture when
matched to optimum noise figure.
Notes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com