Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB0303 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CFB0303
Description  High Dynamic Range Low-Noise GaAs FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CFB0303 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CFB0303 Datasheet HTML 1Page - List of Unclassifed Manufacturers CFB0303 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CFB0303
Features
❏ Low-Noise Figure from 0.8 to 2.0 GHz
❏ High Gain
❏ High Intercept Point
❏ Highly Stable
❏ Easily Matched to 50Ω
❏ 70 mil Package
❏ PHEMT Material
Applications
❏ Cellular Base Stations
❏ PCS Base Stations
❏ Industrial Data Networks
Description
Celeritek’s CFB0303 is a high performance GaAs
PHEMT with 600 µm gate width and 0.25 µm gate length.
The low noise figure and high intercept point of this device
makes it well suited for use as the low-noise amplifier of the
High Dynamic Range
Low-Noise GaAs FET
Advanced Product Information
June 2002
(1 of 2)
base station receiver in PCS, Japanese PHS, AMPS, GSM and
other communications systems. The CFB0303 is in an indus-
try-standard 70 mil package. It is surface mountable and
available in tape and reel.
Electrical Specifications (TA = 25°C, 2 GHz)
Parameters
Conditions
Min
Typ
Max
Units
Vd = 4V, Id = 75 mA
Noise Figure 2
0.5
0.6
dB
Associated Gain 2
@ Noise Figure
19.0
20.0
22.7
dB
Pout
1, 3
P-1
20.0
21.0
22.0
dBm
IP3
3
+5 dBm POUT/Tone
32
34
dBm
Id
3
@ P-1
83
mA
Transconductance
Vds = 4 V, Vgs = 0 V
350
mho
Saturated Drain Current
Vds = 4 V, Vgs = 0 V
80
140
240
mA
Pinchoff Voltages
Vds = 4 V, Ids = 1 mA
-0.3
V
Thermal Resistance
@ Tcase = 150°C liquid crystal test
200
°C/W
Notes: 1. @ T
case = 25°C. Derate 5 mW/°C for Tcase >25°C.
2. Input matched for low noise.
3. Matched for power transfer.
Typical Scattering Parameters (TA = 25°C, VDS = 4 V, IDS = 75 mA)
Frequency
S11
S21
S12
S22
(GHz)
Mag
Ang
Mag (dB)
Ang
MAG (dB)
ANG
MAG
ANG
0.5
0.98
-24
8.47
160
0.02
77
0.33
-9
1.0
0.94
-44
8.20
147
0.03
69
0.32
-15
2.0
0.85
-80
7.30
118
0.05
51
0.27
-36
3.0
0.76
-112
6.30
94
0.07
37
0.25
-50
4.0
0.70
-134
5.60
74
0.08
29
0.24
-55
5.0
0.64
-154
5.13
54
0.09
19
0.23
-61


Similar Part No. - CFB0303

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFB0303 MIMIX-CFB0303 Datasheet
90Kb / 2P
High Dynamic Range Low Noise GaAs FET
More results

Similar Description - CFB0303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFK0301 ETC-CFK0301 Datasheet
841Kb / 5P
High Dynamic Range Dual, Low-Noise GaAs FET
logo
Mimix Broadband
CFB0301 MIMIX-CFB0301 Datasheet
799Kb / 4P
High Dynamic Range Low-Noise GaAs FET
CFB0301 MIMIX-CFB0301_06 Datasheet
170Kb / 3P
High Dynamic Range Low Noise GaAs FET
CFB0303 MIMIX-CFB0303 Datasheet
90Kb / 2P
High Dynamic Range Low Noise GaAs FET
CFK0301 MIMIX-CFK0301 Datasheet
303Kb / 4P
High Dynamic Range Dual, Low Noise GaAs FET
logo
List of Unclassifed Man...
TC2181 ETC2-TC2181 Datasheet
140Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
logo
Transcom, Inc.
TC2141 TRANSCOM-TC2141 Datasheet
776Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
TC2181 TRANSCOM-TC2181 Datasheet
284Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
TC2281 TRANSCOM-TC2281 Datasheet
287Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com