Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB0303 Datasheet (PDF) - Mimix Broadband

CFB0303 Datasheet PDF - Mimix Broadband
Part # CFB0303
Download  CFB0303 Download
File Size   90.19 Kbytes
Page   2 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description High Dynamic Range Low Noise GaAs FET

CFB0303 Datasheet (PDF)

Go To PDF Page Download Datasheet
CFB0303 Datasheet PDF - Mimix Broadband

Part # CFB0303
Download  CFB0303 Click to download

File Size   90.19 Kbytes
Page   2 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description High Dynamic Range Low Noise GaAs FET

CFB0303 Datasheet (HTML) - Mimix Broadband


CFB0303 Product details

Description
Celeritek’s CFB0303 is a high performance GaAs PHEMT with 600 µm gate width and 0.25 µm gate length. The low noise figure and high intercept point of this device makes it well suited for use as the low-noise amplifier of the base station receiver in PCS, Japanese PHS, AMPS, GSM and other communications systems. The CFB0303 is in an industry-standard 70 mil package. It is surface mountable and available in tape and reel.

Features
❐ Low-Noise Figure from 0.8 to 2.0 GHz
❐ High Gain
❐ High Intercept Point
❐ Highly Stable
❐ Easily Matched to 50
❐ 70 mil Package
❐ PHEMT Material

Applications
❐ Cellular Base Stations
❐ PCS Base Stations
❐ Industrial Data Networks




Similar Part No. - CFB0303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFB0303 ETC-CFB0303 Datasheet
372Kb / 2P
High Dynamic Range Low-Noise GaAs FET
More results


Similar Description - CFB0303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFB0303 ETC-CFB0303 Datasheet
372Kb / 2P
High Dynamic Range Low-Noise GaAs FET
CFK0301 ETC-CFK0301 Datasheet
841Kb / 5P
High Dynamic Range Dual, Low-Noise GaAs FET
logo
Mimix Broadband
CFB0301 MIMIX-CFB0301 Datasheet
799Kb / 4P
High Dynamic Range Low-Noise GaAs FET
CFB0301 MIMIX-CFB0301_06 Datasheet
170Kb / 3P
High Dynamic Range Low Noise GaAs FET
CFK0301 MIMIX-CFK0301 Datasheet
303Kb / 4P
High Dynamic Range Dual, Low Noise GaAs FET
logo
List of Unclassifed Man...
TC2181 ETC2-TC2181 Datasheet
140Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
logo
Transcom, Inc.
TC2141 TRANSCOM-TC2141 Datasheet
776Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
TC2181 TRANSCOM-TC2181 Datasheet
284Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
TC2281 TRANSCOM-TC2281 Datasheet
287Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com