Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB0303 Datasheet(PDF) 1 Page - Mimix Broadband

Part # CFB0303
Description  High Dynamic Range Low Noise GaAs FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFB0303 Datasheet(HTML) 1 Page - Mimix Broadband

  CFB0303 Datasheet HTML 1Page - Mimix Broadband CFB0303 Datasheet HTML 2Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Dynamic Range
Low Noise GaAs FET
Page 1 of 2
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CFB0303
August 2006 - Rev 03-Aug-06
Features
Low-Noise Figure from 0.8 to 2.0 GHz
High Gain
High Intercept Point
Highly Stable
Easily Matched to 50
70 mil Package
PHEMT Material
Applications
Cellular Base Stations
PCS Base Stations
Industrial Data Networks
Description
Celeritek’s CFB0303 is a high performance GaAs
PHEMT with 600 µm gate width and 0.25 µm gate length.
The low noise figure and high intercept point of this device
makes it well suited for use as the low-noise amplifier of the
base station receiver in PCS, Japanese PHS, AMPS, GSM and
other communications systems. The CFB0303 is in an indus-
try-standard 70 mil package. It is surface mountable and
available in tape and reel.
Electrical Specifications (TA = 25°C, 2 GHz)
s
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
t
i
d
n
o
C
s
r
e
t
e
m
a
r
a
P
Vd = 4V, Id = 75 mA
Noise Figure 2
0.5
0.6
dB
Associated Gain 2
B
d
7
.
2
2
0
.
0
2
0
.
9
1
e
r
u
g
i
F
e
s
i
o
N
@
Pout
1, 3
P-1
20.0
21.0
22.0
dBm
IP3
3
+5 dBm POUT
m
B
d
4
3
2
3
e
n
o
T
/
Id
3
@ P-1
A
m
3
8
Transconductance
Vds = 4 V, Vgs
o
h
m
0
5
3
V
0
=
Saturated Drain Current
Vds = 4 V, Vgs = 0 V
80
140
240
mA
Pinchoff Voltages
Vds = 4 V, Ids
V
3
.
0
-
A
m
1
=
Thermal Resistance
@ Tcase
W
/
C
°
0
0
2
t
s
e
t
l
a
t
s
y
r
c
d
i
u
q
i
l
C
°
0
5
1
=
Notes: 1. @ T
case = 25°C. Derate 5 mW/°C for Tcase >25°C.
2. Input matched for low noise.
3. Matched for power transfer.
Typical Scattering Parameters (TA = 25°C, VDS = 4 V, IDS = 75 mA)
Frequency
S11
S21
S12
S22
(GHz)
Mag
Ang
Mag (dB)
Ang
MAG (dB)
ANG
MAG
ANG
0.5
0.98
-24
8.47
160
0.02
77
0.33
-9
1.0
0.94
-44
8.20
147
0.03
69
0.32
-15
2.0
0.85
-80
7.30
118
0.05
51
0.27
-36
3.0
0.76
-112
6.30
94
0.07
37
0.25
-50
4.0
0.70
-134
5.60
74
0.08
29
0.24
-55
5.0
0.64
-154
5.13
54
0.09
19
0.23
-61


Similar Part No. - CFB0303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFB0303 ETC-CFB0303 Datasheet
372Kb / 2P
High Dynamic Range Low-Noise GaAs FET
More results

Similar Description - CFB0303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFB0303 ETC-CFB0303 Datasheet
372Kb / 2P
High Dynamic Range Low-Noise GaAs FET
CFK0301 ETC-CFK0301 Datasheet
841Kb / 5P
High Dynamic Range Dual, Low-Noise GaAs FET
logo
Mimix Broadband
CFB0301 MIMIX-CFB0301 Datasheet
799Kb / 4P
High Dynamic Range Low-Noise GaAs FET
CFB0301 MIMIX-CFB0301_06 Datasheet
170Kb / 3P
High Dynamic Range Low Noise GaAs FET
CFK0301 MIMIX-CFK0301 Datasheet
303Kb / 4P
High Dynamic Range Dual, Low Noise GaAs FET
logo
List of Unclassifed Man...
TC2181 ETC2-TC2181 Datasheet
140Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
logo
Transcom, Inc.
TC2141 TRANSCOM-TC2141 Datasheet
776Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
TC2181 TRANSCOM-TC2181 Datasheet
284Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
TC2281 TRANSCOM-TC2281 Datasheet
287Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com