Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS11 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CMS11
Description  TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS11 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CMS11 Datasheet HTML 1Page - Toshiba Semiconductor CMS11 Datasheet HTML 2Page - Toshiba Semiconductor CMS11 Datasheet HTML 3Page - Toshiba Semiconductor CMS11 Datasheet HTML 4Page - Toshiba Semiconductor CMS11 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMS11
2003-02-17
2
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM (1)
IFM = 0.5 A
¾
0.38
¾
VFM (2)
IFM = 1.0 A
¾
0.42
¾
Peak forward voltage
VFM (3)
IFM = 2.0 A
¾
0.49
0.55
V
VRRM = 5.0 V
¾
2.0
¾
Repetitive peak reverse current
IRRM
VRRM = 40 V
¾
20.0
500
mA
Junction capacitance
Cj
VR = 10 V, f = 1.0 MHz
¾
95
¾
pF
Device mounted on a ceramic board
(soldering land: 2 mm
´ 2 mm)
¾
¾
60
Rth (j-a)
Device mounted on a glass-epoxy
board
(soldering land: 6 mm
´ 6 mm)
¾
¾
135
Thermal resistance
Rth (j-ℓ)
¾
¾
¾
16
°C/W
Marking
Following Indicates the Data
of Manufacture
Standard Soldering Pad
Handling Precaution
Schottky barrier diodes are having large-reverse-current-leakage characteristic compare to the other rectifier
products. This current leakage and improper operating temperature or voltage may cause thermal runaway.
Please take forward and reverse loss into consideration when you design.
Cathode mark
Type code
Lot No.
SA
Month of
manufac-
ture
January to December
are denoted by letter A
to L respectively.
Year of
manufac-
ture
Last decimal digit of
the year of
manufacture
0
1
2
3
4
5
6
7
8
9
3.0
1.4
Unit: mm
1.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com