Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS11 Datasheet (PDF) - Toshiba Semiconductor

CMS11 Datasheet PDF - Toshiba Semiconductor
Part # CMS11
Download  CMS11 Download
File Size   136.49 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type

CMS11 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMS11 Datasheet PDF - Toshiba Semiconductor

Part # CMS11
Download  CMS11 Click to download

File Size   136.49 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type

CMS11 Datasheet (HTML) - Toshiba Semiconductor


CMS11 Product details

Switching Mode Power Supply Applications

Portable Equipment Battery Applications



• Forward voltage: VFM = 0.55 V (max)

• Average forward current: IF (AV) = 2.0 A

• Repetitive peak reverse voltage: VRRM = 40 V

• Suitable for compact assembly due to small surface-mount package

  “M−FLATTM” (Toshiba package name)



 




Similar Part No. - CMS11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS11 TOSHIBA-CMS11 Datasheet
167Kb / 5P
Switching Mode Power Supply Applications
logo
Nisshinbo Micro Devices...
CMS11 NISSHINBO-CMS11 Datasheet
2Mb / 63P
1.2 A, 30 V Step-Down DC/DC Converter
logo
Comchip Technology
CMS11P04Q8-HF COMCHIP-CMS11P04Q8-HF Datasheet
554Kb / 7P
MOSFET
REV:A
logo
Toshiba Semiconductor
CMS11 TOSHIBA-CMS11_06 Datasheet
167Kb / 5P
Switching Mode Power Supply Applications
CMS11 TOSHIBA-CMS11_13 Datasheet
179Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results


Similar Description - CMS11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U3FWK42 TOSHIBA-U3FWK42 Datasheet
141Kb / 4P
TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
U1FWJ44M TOSHIBA-U1FWJ44M Datasheet
152Kb / 4P
TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
CMS03 TOSHIBA-CMS03 Datasheet
129Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS04 TOSHIBA-CMS04_13 Datasheet
176Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS05 TOSHIBA-CMS05_13 Datasheet
169Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS01 TOSHIBA-CRS01_13 Datasheet
188Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS10I30A TOSHIBA-CRS10I30A Datasheet
197Kb / 6P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS15I30A TOSHIBA-CRS15I30A Datasheet
178Kb / 6P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS20I30A TOSHIBA-CRS20I30A Datasheet
175Kb / 6P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS08 TOSHIBA-CMS08 Datasheet
122Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com