Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS11 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

CMS11 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # CMS11
Download  CMS11 Download
File Size   2128.55 Kbytes
Page   63 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 1.2 A, 30 V Step-Down DC/DC Converter

CMS11 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMS11 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # CMS11
Download  CMS11 Click to download

File Size   2128.55 Kbytes
Page   63 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 1.2 A, 30 V Step-Down DC/DC Converter

CMS11 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


CMS11 Product details

FEATURES
• Operating Voltage ·········································· 4.5 V to 30 V
• Internal N-channel MOSFET Driver ······················ Typ. RON = 0.35 
• Adjustable Output Voltage with External Resistor ···· 0.8 V or more
• Feedback Voltage and Tolerance ························· 0.8 V1.0%
• Peak Current Limit ············································ Typ. 2.0 A
• UVLO Function Released Voltage ························ Typ. 4.0 V
• Operating Frequency ········································ 330 kHz (Ver. A/B), 500 kHz (Ver. C/D),
1000 kHz (Ver. E/F), 2400 kHz (Ver. G/H)
• Fold-back Protected Frequency ··························· 170 kHz (Ver. B/D), 250 kHz (Ver. F), 400 kHz (Ver. H)
• Latch Protection Delay Time ······························· Typ. 4 ms (Ver. A/C/E/G)
• Ceramic Capacitors Recommended for Input and Output.
• Stand-by Current ·············································· Typ. 0 A
• Packages ······················································· SOT-23-6W, DFN(PL)2020-8, HSOP-8E




Similar Part No. - CMS11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS11 TOSHIBA-CMS11 Datasheet
136Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS11 TOSHIBA-CMS11 Datasheet
167Kb / 5P
Switching Mode Power Supply Applications
logo
Comchip Technology
CMS11P04Q8-HF COMCHIP-CMS11P04Q8-HF Datasheet
554Kb / 7P
MOSFET
REV:A
logo
Toshiba Semiconductor
CMS11 TOSHIBA-CMS11_06 Datasheet
167Kb / 5P
Switching Mode Power Supply Applications
CMS11 TOSHIBA-CMS11_13 Datasheet
179Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results


Similar Description - CMS11

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SPI-8010A ALLEGRO-SPI-8010A Datasheet
244Kb / 9P
3 A, DC/DC Step-Down Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
STMicroelectronics
STEVAL-ISA047V1 STMICROELECTRONICS-STEVAL-ISA047V1 Datasheet
214Kb / 4P
1.5 A / 1.2 V step-down DC-DC converter demonstration board based on the ST1S03A
30-Jun-2009
logo
Texas Instruments
LM3281 TI1-LM3281 Datasheet
1Mb / 26P
3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com