Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRO2AM Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # CRO2AM
Description  LOW POWER USE PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CRO2AM Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  CRO2AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CRO2AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CRO2AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CRO2AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CRO2AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Sep.2000
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR02AM
LOW POWER USE
PLANAR PASSIVATION TYPE
0.8
0.6
0.3
0.2
0.1
0.7
0.5
0.4
0
0.5
0
0.1
0.2
0.3
0.4
θ = 30°
60
°
120
°
90
°
180
°
DC
270
°
θ
360
°
RESISTIVE,
INDUCTIVE
LOADS
160
120
60
40
20
140
100
80
0
0.5
0
0.1
0.2
0.3
0.4
θ
360
°
θ = 30°
60
°
120
°
90
°
180
°
DC
270
°
NATURAL
CONVECTION
RESISTIVE,
INDUCTIVE
LOADS
160
120
60
40
20
140
100
80
0
0.4
0
0.1
0.2
0.3
θ = 30° 60°
120
°
90
°
180
°
θ
360
°
RESISTIVE,
INDUCTIVE
LOADS
NATURAL
CONVECTION
160
120
60
40
20
140
100
80
0
0.5
0
0.1
0.2
0.3
0.4
θ θ
360
°
θ = 30°
60
°
120
°
90
°
180
°
RESISTIVE LOADS
NATURAL
CONVECTION
0.8
0.6
0.3
0.2
0.1
0.7
0.5
0.4
0
0.5
0
0.1
0.2
0.3
0.4
θ = 30°
60
°
120
°
90
°
180
°
θ θ
360
°
RESISTIVE LOADS
160
120
60
40
20
140
100
80
0
160
–40
0
40
80
120 140
–20
20
60
100
TYPICAL EXAMPLE
RGK = 1k
Ω
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM AVERAGE POWER DISSIPATION
(SINGLE-PHASE FULL WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(SINGLE-PHASE FULL WAVE)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM AVERAGE POWER DISSIPATION
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE VS.
AVERAGE ON-STATE CURRENT
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com