Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRO2AM Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CRO2AM
Description  LOW POWER USE PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CRO2AM Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CRO2AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CRO2AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CRO2AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CRO2AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CRO2AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Sep.2000
TYPE
NAME
VOLTAGE
CLASS
φ5.0 MAX
4.4
1.25 1.25
CIRCUMSCRIBE
CIRCLE
φ0.7
1
3 2
OUTLINE DRAWING
Dimensions
in mm
JEDEC : TO-92
2
1
3
1
2
3
CATHODE
ANODE
GATE
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR02AM
LOW POWER USE
PLANAR PASSIVATION TYPE
CR02AM
APPLICATION
Solid state relay, leakage protector, fire alarm, timer, ringcounter, electric blankets, strobe flasher,
other general purpose control applications
Symbol
VRRM
VRSM
VR (DC)
VDRM
VD (DC)
Parameter
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
DC reverse voltage
Repetitive peak off-state voltage
V1
DC off-state voltage
V1
Voltage class
Unit
V
V
V
V
V
MAXIMUM RATINGS
4
200
300
160
200
160
6
300
400
240
300
240
•IT (AV) ........................................................................ 0.3A
•VDRM .................................................... 200V/300V/400V
•IGT ......................................................................... 100
µA
Symbol
IT (RMS)
IT (AV)
ITSM
I2t
PGM
PG (AV)
VFGM
VRGM
IFGM
Tj
Tstg
—
Parameter
RMS on-state current
Average on-state current
Surge on-state current
I2t for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate forward voltage
Peak gate reverse voltage
Peak gate forward current
Junction temperature
Storage temperature
Weight
Conditions
Commercial frequency, sine half wave, 180
° conduction, Ta=30°C
60Hz sine half wave 1 full cycle, peak value, non-repetitive
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
Typical value
Unit
A
A
A
A2s
W
W
V
V
A
°C
°C
g
Ratings
0.47
0.3
10
0.4
0.1
0.01
6
6
0.1
–40 ~ +125
–40 ~ +125
0.23
V1. With Gate-to-cathode resistance RGK=1k
Ω
8
400
500
320
400
320


Similar Part No. - CRO2AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CRO2AM MITSUBISHI-CRO2AM Datasheet
67Kb / 5P
LOW POWER USE PLANAR PASSIVATION TYPE
More results

Similar Description - CRO2AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR08AM-14 MITSUBISHI-BCR08AM-14 Datasheet
27Kb / 2P
LOW POWER USE PLANAR PASSIVATION TYPE
BCR1AM-8 MITSUBISHI-BCR1AM-8 Datasheet
104Kb / 5P
LOW POWER USE PLANAR PASSIVATION TYPE
BCR2PM MITSUBISHI-BCR2PM Datasheet
48Kb / 4P
LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3KM-14 MITSUBISHI-BCR3KM-14 Datasheet
31Kb / 2P
LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3KM MITSUBISHI-BCR3KM Datasheet
48Kb / 5P
LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3PM MITSUBISHI-BCR3PM Datasheet
92Kb / 5P
LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR5PM MITSUBISHI-BCR5PM Datasheet
93Kb / 5P
LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
CR02AM MITSUBISHI-CR02AM Datasheet
67Kb / 5P
LOW POWER USE PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
LOW POWER USE PLANAR PASSIVATION TYPE
BCR08AM RENESAS-BCR08AM_15 Datasheet
119Kb / 8P
LOW POWER USE PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com