Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29352AI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY29352AI
Description  2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29352AI Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY29352AI Datasheet HTML 1Page - Cypress Semiconductor CY29352AI Datasheet HTML 2Page - Cypress Semiconductor CY29352AI Datasheet HTML 3Page - Cypress Semiconductor CY29352AI Datasheet HTML 4Page - Cypress Semiconductor CY29352AI Datasheet HTML 5Page - Cypress Semiconductor CY29352AI Datasheet HTML 6Page - Cypress Semiconductor CY29352AI Datasheet HTML 7Page - Cypress Semiconductor CY29352AI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY29352
Document #: 38-07476 Rev. **
Page 6 of 8
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
VTT
Zo = 50 ohm
VTT
RT = 50 ohm
RT = 50 ohm
Figure 1. AC Test Reference for VDD = 3.3V / 2.5V
t(
φ)
LVCMOS_CLK
FB_IN
V
DD
GND
V
DD /2
V
DD
GND
V
DD /2
Figure 2. Propagation Delay t(
φ), static phase offset
V
DD
GND
V
DD/2
tP
T0
DC = tP / T0 x 100%
Figure 3. Output Duty Cycle (DC)
t
SK(O)
V
DD
GND
V
DD/2
V
DD
GND
V
DD/2
Figure 4. Output-to-Output Skew, tsk(O)
Ordering Information
Part Number
Package Type
Product Flow
CY29352AI
32-pin TQFP
Industrial, –40
°C to +85°C
CY29352AIT
32-pin TQFP – Tape and Reel
Industrial, –40
°C to 85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com