Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29352AI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY29352AI
Description  2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29352AI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY29352AI Datasheet HTML 1Page - Cypress Semiconductor CY29352AI Datasheet HTML 2Page - Cypress Semiconductor CY29352AI Datasheet HTML 3Page - Cypress Semiconductor CY29352AI Datasheet HTML 4Page - Cypress Semiconductor CY29352AI Datasheet HTML 5Page - Cypress Semiconductor CY29352AI Datasheet HTML 6Page - Cypress Semiconductor CY29352AI Datasheet HTML 7Page - Cypress Semiconductor CY29352AI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY29352
Document #: 38-07476 Rev. **
Page 3 of 8
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD
DC Supply Voltage
–0.3
5.5
V
VDD
DC Operating Voltage
Functional
2.375
3.465
V
VIN
DC Input Voltage
Relative to VSS
–0.3
VDD + 0.3
V
VOUT
DC Output Voltage
Relative to VSS
–0.3
VDD + 0.3
V
VTT
Output termination Voltage
VDD ÷ 2V
LU
Latch Up Immunity
Functional
200
mA
RPS
Power Supply Ripple
Ripple Frequency < 100 kHz
150
mVp-p
TS
Temperature, Storage
Non Functional
–65
+150
°C
TA
Temperature, Operating Ambient
Functional
–40
+85
°C
TJ
Temperature, Junction
Functional
155
°C
ØJC
Dissipation, Junction to Case
Functional
42
°C/W
ØJA
Dissipation, Junction to Ambient
Functional
105
°C/W
ESDH
ESD Protection (Human Body Model)
2000
Volts
FIT
Failure in Time
Manufacturing test
10
ppm
DC Parameters (VDD= 2.5V ± 5%, TA = –40°C to +85°C)
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
VIL
Input Voltage, Low
LVCMOS
0.7
V
VIH
Input Voltage, High
LVCMOS
1.7
VDD + 0.3
V
VOL
Output Voltage, Low[4]
IOL = 15 mA
0.6
V
VOH
Output Voltage, High[4]
IOH = –15 mA
1.8
V
IIL
Input Current, Low
VIL = VSS
–10
µA
IIH
Input Current, High[5]
VIL = VDD
100
µA
IDDA
PLL Supply Current
AVDD only
5
10
mA
IDDQ
Quiescent Supply Current
All VDD pins except AVDD
35
mA
IDD
Dynamic Supply Current
170
mA
CIN
Input Pin Capacitance
4
pF
ZOUT
Output Impedance
17 – 20
Ω
DC Parameters (VDD= 3.3V ± 5%, TA = –40°C to +85°C)
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
VIL
Input Voltage, Low
LVCMOS
0.8
V
VIH
Input Voltage, High
LVCMOS
2.0
VDD + 0.3
V
VOL
Output Voltage, Low[4]
IOL = 24 mA
0.55
V
IOL = 12 mA
0.30
VOH
Output Voltage, High[4]
IOH = –24 mA
2.4
V
IIL
Input Current, Low
VIL = VSS
–10
µA
IIH
Input Current, High[5]
VIL = VDD
100
µA
IDDA
PLL Supply Current
AVDD only
5
10
mA
IDDQ
Quiescent Supply Current
All VDD pins except AVDD
35
mA
IDD
Dynamic Supply Current
240
mA
CIN
Input Pin Capacitance
4
pF
ZOUT
Output Impedance
14 – 17
Ω
Notes:
4.
Driving one 50
Ω parallel terminated transmission line to a termination voltage of V
TT. Alternatively, each output drives up to two 50 Ω series terminated
transmission lines.
5.
Inputs have pull-down resistors that affect the input current.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com