Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS0802 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FS0802
Description  SURFACE MOUNT SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS0802 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FS0802 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS0802 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS0802 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS0802 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb - 03
Fig. 1: Maximum average power dissipation
versus average on-state current.
FS08...D
SURFACE MOUNT SCR
0
2
10
8
6
4
2
0
4
6
P (W)
IT(av)(A)
1
3
5
7
1.0
K = [Zth(j-c) / Rth (j-c)]
Fig. 3: Relative variation of thermal impedance
junction to case versus pulse duration.
1E-3
1E-2
1E-1
1E+0
tp (s)
0.5
0.2
0.1
α
360 º
Fig. 2: Average and D.C. on-state current
versus case temperature.
I T(av) (A)
T case (ºC)
10
8
6
4
2
0
0
25
50
75
100
125
α = 180 º
D.C.
IGT, IH (Tj) / IGT, IH (Tj = 25 ºC)
Fig. 4: Relative variation of gate trigger
current, holding and latching current versus
junction temperature.
Tj (ºC)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-40 -20
20
60
80 100
0
40
120 140
IGT
IH & IL
1
10
100
1000
Fig. 5: Non repetitive surge peak on-state
current versus number of cycles.
80
70
60
50
40
30
20
10
0
I TSM (A)
Number of
cycles
Tj initial = 25 ºC
F = 50 Hz
300
1
10
ITSM(A). I2t (A2s)
Fig. 6: Non repetitive surge peak on-state
current for a sinusoidal pulse with width:
tp < 10 ms, and corresponding value of I2t.
tp(ms)
2
5
100
10
ITSM
20
50
I2 t
Tj initial = 25 ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com