Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS0802 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS0802
Description  SURFACE MOUNT SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS0802 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS0802 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS0802 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS0802 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS0802 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FS0802.D
SURFACE MOUNT SCR
Feb - 03
FAGOR
SCR
CURRENT
CASE
VOLTAGE
SENSITIVITY
F
S
08
02
B
D
00
FORMING
TR
PACKAGING
Electrical Characteristics
Gate Trigger Current
Off-State Leakage Current
On-state Voltage
Gate Trigger Voltage
Gate Non Trigger Voltage
Holding Current
PARAMETER
CONDITIONS
SENSITIVITY
Unit
SYMBOL
IGT
IDRM
VD = 12 VDC , RL = 140
Ω. T
j = 25 ºC
µA
02
200
1
5
1.6
0.8
0.1
mA
µA
V
V
V
MIN
MAX
MAX
MAX
MAX
MAX
MIN
50
70
MAX
/ IRRM
VTM
VGT
VGD
IH
di / dt
Rth(j-a)
Critical Rate of Current Rise
Thermal Resistance
Junction-Amb for DC
ºC/W
VD = VDRM ,
Tj = 125 ºC
Tj = 25 ºC
VR = VRRM ,
at IT = 16 Amp, tp = 380 µs, Tj = 25 ºC
IT = 50 mA,
Tr
≤ 100 ns, F = 60 Hz,
Tj = 125 ºC
VD = 12 VDC , RL = 140
Ω, T
j = 25 ºC
VD = VDRM , RL = 3.3K
Ω,
Tj = 125 ºC
mA
MIN
A/µs
Rd
Tj = 125 ºC
Rd
Dynamic resistance
MAX
46
m
Ω
5
MAX
IL
mA
6
Latching Current
IG = 1 mA,
V/µs
dv / dt
Critical Rate of Voltage Rise
MIN
5
20
Rth(j-c)
Thermal Resistance
Junction-Case for DC
ºC/W
Vt0
Tj = 125 ºC
Threshold Voltage
MAX
0.85
V
IG = 2 x IGT
RGK = 220
Ω
RGK = 220
Ω
RGK = 1K
Ω
Tj = 25 ºC
RGK = 1 K
Ω
VD = 0.67 x VDRM , RGK = 220
Ω,
Tj = 125 ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com