Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR2PM Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # BCR2PM
Description  LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR2PM Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  BCR2PM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR2PM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR2PM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR2PM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.1999
100
23
5 7 101
4
2
23
5 7 102
44
6
8
10
3
1
5
7
9
0
3.8
0.6
1.4
2.2
3.0
1.0
1.8
2.6
3.4
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
Tj = 25
°C
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR2PM
LOW POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
V2. Measurement using the gate trigger characteristics measurement circuit.
Symbol
IDRM
VTM
VRGT !
VRGT #
IRGT !
IRGT #
VGD
Rth (j-a)
Test conditions
Tj=125
°C, VDRM applied
Ta=25
°C, ITM=1.5A, Instantaneous measurement
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=125
°C, VD=1/2VDRM
Junction to ambient, Natural convection
Unit
mA
V
V
V
mA
mA
V
°C/W
Typ.
—
—
—
—
—
—
—
—
@
#
@
#
ELECTRICAL CHARACTERISTICS
Limits
Min.
—
—
—
—
—
—
0.1
—
Max.
0.5
1.6
2.0
2.0
10
10
—
40
PERFORMANCE CURVES
6
Ω
6
Ω
6V
6V
RG
RG
A
V
A
V
TEST PROCEDURE 3
TEST PROCEDURE 2
GATE TRIGGER CHARACTERISTICS TEST CIRCUITS
Parameter
Repetitive peak off-state current
On-state voltage
Gate trigger voltage V2
Gate trigger current
V2
Gate non-trigger voltage
Thermal resistance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com