Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR2PM Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # BCR2PM
Description  LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR2PM Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  BCR2PM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR2PM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR2PM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR2PM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb.1999
NATURAL CONVECTION
NO FINS
PRINT BOARD
t = 1.6mm
SOLDER LAND :
φ2mm
100
23
100
57 101 23 5 7 102 23 5 7 103
3
2
101
7
5
3
2
7
5
7
5
3
2
10–1
PGM = 1W
PG(AV)
= 0.1W
IGM = 1A
IRGT I, IRGT III
VGM = 6V
VGD = 0.1V
VGT
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
IRGT I , IRGT III
VRGT I
VRGT III
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
103
10–1
103
104
102
7
5
3
2
100
7
5
3
2
101
7
5
3
2
7
5
3
2
10123 5 7
23 5 7
102
105
23 5 7
23 5 7
NATURAL CONVECTION
NO FINS
PRINT BOARD
t = 1.6mm
SOLDER LAND :
φ2mm
1.8
1.6
1.2
0.6
0.4
0.2
1.4
1.0
0.8
0
0.2
0.4
0.8
0.6
1.0
1.2
1.4
0
160
120
60
40
20
140
100
80
0
3.2
0
0.4 0.8
1.6
1.2
2.0 2.4 2.8
CURVES APPLY
REGARDLESS OF
CONDUCTION ANGLE
RESISTIVE,
INDUCTIVE LOADS
GATE CURRENT (mA)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
GATE CHARACTERISTICS
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION TO AMBIENT)
CONDUCTION TIME
(CYCLES AT 60Hz)
MAXIMUM ON-STATE POWER
DISSIPATION
RMS ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
TYPICAL EXAMPLE
TYPICAL EXAMPLE
360°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR2PM
LOW POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com