Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFM360-ALS Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # PFM360-ALS
Description  3.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PFM360-ALS Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  PFM360-ALS Datasheet HTML 1Page - PACELEADER INDUSTRIAL PFM360-ALS Datasheet HTML 2Page - PACELEADER INDUSTRIAL PFM360-ALS Datasheet HTML 3Page - PACELEADER INDUSTRIAL PFM360-ALS Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and characteristic curves
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
0.5
1.0
1.5
2.0
2.5
3.0
700
600
500
400
300
200
100
0
.01
.05
.1
.5
1
5
10
50
100
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
T =75 C
J
T =25 C
J
LEAD TEMPERATURE,( C)
°
0
0
20
40
60
80
100
120
140
160
180
200
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
40
20
60
100
80
NUMBER OF CYCLES AT 60Hz
110
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
T =25 C
J
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
3.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
2
www.paceleader.tw
PFM34 0-ALS THRU PFM3200-ALS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com