Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFM360-ALS Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PFM360-ALS
Description  3.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PFM360-ALS Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PFM360-ALS Datasheet HTML 1Page - PACELEADER INDUSTRIAL PFM360-ALS Datasheet HTML 2Page - PACELEADER INDUSTRIAL PFM360-ALS Datasheet HTML 3Page - PACELEADER INDUSTRIAL PFM360-ALS Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight :
0.05 gram
•
•
•
•
•
•
SMA
Approximated
Package outline
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
mA
OC
pF
3.0
80
0.5
+
150
-
55
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
O
250
20
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, l
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
ow forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
•
•
•
•
•
•
•
•
•
•
PFM340-A
LS
40
28
40
-55 to +125
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =3.0A
F
V
F
(V)
*4
PFM360-A
LS
60
42
60
0.70
0.50
-55 to +150
0.85
PFM3100-A
LS
100
70
100
(C)
O
Operating
temperature
T,
J
0.196(4.9)
0.180(4.5)
0.012(0.3) Typ.
0.106(2.7)
0.091(2.3)
0.068(1.7)
0.060(1.5)
0.032 (0.8) Typ.
0.032(0.8) Typ.
Dimensions in inches and (millimeters)
SMA
PFM3150-A
LS
150
105
150
0.90
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
PFM3200-A
LS
200
140
200
0.92
3.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
1
www.paceleader.tw
PFM34 0-ALS THRU PFM3200-ALS
Moisture Sensitivity Level 1


Similar Part No. - PFM360-ALS

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PFM360-AS PACELEADER-PFM360-AS Datasheet
485Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
More results

Similar Description - PFM360-ALS

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MS20 MOSPEC-MS20 Datasheet
234Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-40V)
logo
WILLAS ELECTRONIC CORP
SP840 WILLAS-SP840 Datasheet
623Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SP2040C WILLAS-SP2040C Datasheet
374Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V -200V
SR840 WILLAS-SR840 Datasheet
463Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040C WILLAS-SR1040C Datasheet
317Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040 WILLAS-SR1040 Datasheet
543Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1640C WILLAS-SR1640C Datasheet
465Kb / 2P
16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR2040C WILLAS-SR2040C Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
SP1040C PACELEADER-SP1040C Datasheet
446Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR2040C PACELEADER-SR2040C Datasheet
485Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com