Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3281EB Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3281EB
Description  Intelligent 2.35V to 5.5V RS-232 Transceivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3281EB Datasheet(HTML) 4 Page - Sipex Corporation

  SP3281EB Datasheet HTML 1Page - Sipex Corporation SP3281EB Datasheet HTML 2Page - Sipex Corporation SP3281EB Datasheet HTML 3Page - Sipex Corporation SP3281EB Datasheet HTML 4Page - Sipex Corporation SP3281EB Datasheet HTML 5Page - Sipex Corporation SP3281EB Datasheet HTML 6Page - Sipex Corporation SP3281EB Datasheet HTML 7Page - Sipex Corporation SP3281EB Datasheet HTML 8Page - Sipex Corporation SP3281EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Rev. 6/19/03
SP3281EB Intelligent +2.35V to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
4
Table 2. Device Pin Description
PIN DESCRIPTION
NAME
FUNCTION
PIN NO.
C2+
Positive terminal of the symmetrical charge-pump capacitor C2.
1
GND
Ground.
2
C2-
Negative terminal of the symmetrical charge-pump capacitor C2.
3
V-
Regulated -4.0V or -5.5V output generated by the charge pump.
4
T1OUT
RS-232 driver output.
5
T2OUT
RS-232 driver output.
6
T3OUT
RS-232 driver output.
7
R1IN
RS-232 receiver input.
8
R2IN
RS-232 receiver input.
9
T4OUT
RS-232 driver output.
10
R3IN
RS-232 receiver input.
11
T5OUT
RS-232 driver output.
12
ONLINE
Apply logic HIGH to override AUTO ON-LINE® circuitry keeping drivers active
(SHUTDOWN must also be logic HIGH, refer to Table 2).
13
SHUTDOWN
Apply logic LOW to shut down drivers and charge pump.
This overrides all AUTO ON-LINE® circuitry and ONLINE (refer to Table 2).
14
STATUS
TTL/CMOS Output indicating if a RS-232 signal is present on any Rx input.
15
VL
Logic level supply voltage selection
16
T5IN
TTL/CMOS driver input.
17
R3OUT
TTL/CMOS receiver output.
18
T4IN
TTL/CMOS driver input.
19
R2OUT
TTL/CMOS receiver output.
20
R1OUT
TTL/CMOS receiver output.
21
T3IN
TTL/CMOS driver input.
22
T2IN
TTL/CMOS driver input.
23
T1IN
TTL/CMOS driver input.
24
C1-
Negative terminal of the symmetrical charge-pump capacitor C1.
25
VCC
+2.35V to +5.5V supply voltage.
26
V+
Regulated +4.0V or +5.5V output generated by the charge pump.
27
C1+
Positive terminal of the symmetrical charge-pump capacitor C1
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com