Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3281EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3281EB
Description  Intelligent 2.35V to 5.5V RS-232 Transceivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3281EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP3281EB Datasheet HTML 1Page - Sipex Corporation SP3281EB Datasheet HTML 2Page - Sipex Corporation SP3281EB Datasheet HTML 3Page - Sipex Corporation SP3281EB Datasheet HTML 4Page - Sipex Corporation SP3281EB Datasheet HTML 5Page - Sipex Corporation SP3281EB Datasheet HTML 6Page - Sipex Corporation SP3281EB Datasheet HTML 7Page - Sipex Corporation SP3281EB Datasheet HTML 8Page - Sipex Corporation SP3281EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Rev. 6/19/03
SP3281EB Intelligent +2.35V to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
SP3281EB
Intelligent +2.35V to +5.5V RS-232 Transceivers
The SP3281EB device is an RS-232 transceiver solution intended for portable or hand-held
applications such as notebook and palmtop computers, PDAs, cell phones and their data cables
and cradles.
The SP3281EB is compatible with low voltage logic down to 1.8V using a logic select pin (VL)
which conditions the logic inputs and outputs to be compatible with system logic.
The SP3281EB uses an internal high-efficiency, charge-pump power supply that requires only
0.1µF capacitors in 3.3V operation. This charge pump and Sipex's driver architecture allow the
SP3281EB device to deliver compliant RS-232 performance from a single +3.3V to +5.5Vpower
supply and additionally adhere to EIA/TIA-562 driver outputs levels down to a power supply
voltage of 2.35V.
The AUTO ON-LINE® feature allows the device to automatically "wake-up" during a shutdown
state when an RS-232 cable is connected and a connected peripheral is turned on. Otherwise,
the device automatically shuts itself down drawing less than 1µA.
■ Operates over entire Li+ Battery range
■ Interoperable with EIA/TIA-232-F and
adheres to EIA/TIA-562 down to a
+2.35V power supply
■ AUTO ON-LINE® circuitry automatically
wakes up from a 1µA shutdown
■ Minimum 250Kbps data rate
■ Regulated charge pump yields stable
RS-232 outputs regardless of V
CC
variations
■ Unique V
L for low logic compatibility
regardless of V
CC
■ Enhanced ESD Specifications:
+15kV Human Body Model
+15kV IEC1000-4-2 Air Discharge
+8kV IEC1000-4-2 Contact Discharge
■ Enhanced battery life as the V
CC drops
below 3.1V
DESCRIPTION
Applicable U.S. Patents - 5,306,954; and 6,378,026.
®
■ Cell phone data cables
■ PDAs, PDA cradles
■ Hand held equipment
■ Peripherals
APPLICATIONS
T4IN
1
2
3
4
25
26
27
28
5
6
7
24
23
22
SHUTDOWN
C2-
V-
R1IN
R2IN
R3IN
ONLINE
C2+
C1-
GND
VCC
V+
T1IN
8
9
10
11
18
19
20
21
12
13
14
17
16
15
T1OUT
T2OUT
T3OUT
T3IN
T2IN
T5IN
R3OUT
R2OUT
R1OUT
VL
C1+
T4OUT
T5OUT
STATUS
SP3281EB
Device
Power
RS-232
RS232
External
AUTO ON-LINE®
Data
No. of
Supplies
Drivers
Receivers
Components
Circuitry
Rate
Pins
SP3281EB
2.35V to 5.5V
5
3
4
yes
250kbps
28
TABLE 1


Similar Part No. - SP3281EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3282 SIPEX-SP3282 Datasheet
307Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
SP3282EB SIPEX-SP3282EB Datasheet
307Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
SP3282EBCA SIPEX-SP3282EBCA Datasheet
307Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
SP3282EBCA/TR SIPEX-SP3282EBCA/TR Datasheet
307Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
SP3282EBCY SIPEX-SP3282EBCY Datasheet
307Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3281EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3249E SIPEX-SP3249E Datasheet
128Kb / 14P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E Datasheet
175Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3282 SIPEX-SP3282 Datasheet
307Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L EXAR-SP3223ECY-L Datasheet
891Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com