Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3070EEN/TR Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP3070EEN/TR
Description  15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3070EEN/TR Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP3070EEN/TR Datasheet HTML 11Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 12Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 13Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 14Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 15Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 16Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 17Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 18Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 19Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Date: 03/28/05
SP3070E - SP3078E Family, ±15kV ESD-Protected, Failsafe RS-485/RS422 Transceivers
© Copyright 2005 Sipex Corporation
16
DRIVER OUTPUT PROTECTION
Two mechanisms prevent excessive output
current and power dissipation caused by
faults or by bus contention. First, current
limit on the ouput stage, provides immediate
protection against short circuits over the
whole common-mode voltage range. Sec-
ond, a thermal-shutdown circuit, forces the
driver outputs into a high-impedance state if
the die temperature becomes excessive.
LINE LENGTH
The RS-485/RS422 standard covers line
lengths up to 4000ft.
DETAILED DESCRIPTION
TYPICAL APPLICATIONS
The SP3072E, SP3075E and SP3078E
transceivers are designed for bidirectional
data communications on multipoint bus trans-
mission lines.
To minimize reflections, terminate the line at
both ends in its characteristic impedance,
and keep stub lengths off the main line as
short as possible. The slew-rate-limited
SP3070 - SP3075E are more tolerant of
imperfect termination.
PARTS SELECTOR GUIDE
T
R
A
P
R
E
B
M
U
N
l
l
u
F
/
f
l
a
H
x
e
l
p
u
D
e
t
a
r
a
t
a
D
s
p
b
M
-
t
u
h
S
n
w
o
d
r
e
v
i
e
c
e
R
e
l
b
a
n
E
r
e
v
i
r
D
.
s
n
a
r
T
s
u
B
n
O
n
i
P
t
n
u
o
C
d
r
a
d
n
a
t
S
y
r
t
s
u
d
n
I
t
u
o
n
i
P
n
i
P
e
l
b
i
t
a
p
m
o
C
:
m
o
r
f
e
d
a
r
g
p
U
E
0
7
0
3
P
Sll
u
F5
2
.
0s
e
Ys
e
Y6
5
24
10
8
1
5
7
,
E
0
7
0
3
X
A
M
E
1
7
0
3
P
Sll
u
F5
2
.
0o
No
N6
5
28
9
7
1
5
7
,
E
1
7
0
3
X
A
M3
9
4
3
P
S
E
2
7
0
3
P
Sf
l
a
H5
2
.
0s
e
Ys
e
Y6
5
28
6
7
1
5
7
,
E
2
7
0
3
X
A
M3
8
4
3
P
S
E
3
7
0
3
P
Sll
u
F5
.
0s
e
Ys
e
Y6
5
24
10
8
1
5
7
,
E
3
7
0
3
X
A
M
E
4
7
0
3
P
Sll
u
F5
.
0o
No
N6
5
28
9
7
1
5
7
,
E
4
7
0
3
X
A
M
E
5
7
0
3
P
Sf
l
a
H5
.
0s
e
Ys
e
Y6
5
28
6
7
1
5
7
,
E
5
7
0
3
X
A
M4
9
4
3
P
S
E
6
7
0
3
P
Sll
u
F6
1s
e
Ys
e
Y6
5
24
10
8
1
5
7
,
E
6
7
0
3
X
A
M1
9
4
3
P
S
E
7
7
0
3
P
Sll
u
F6
1o
No
N6
5
28
9
7
1
5
7
,
E
7
7
0
3
X
A
M0
9
4
3
P
S
E
8
7
0
3
P
Sf
l
a
H6
1s
e
Ys
e
Y
6
5
28
6
7
1
5
7
,
E
8
7
0
3
X
A
M,
5
8
4
3
P
S
1
8
4
3
P
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com