Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3070EEN/TR Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3070EEN/TR
Description  15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3070EEN/TR Datasheet(HTML) 4 Page - Sipex Corporation

  SP3070EEN/TR Datasheet HTML 1Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 2Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 3Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 4Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 5Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 6Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 7Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 8Page - Sipex Corporation SP3070EEN/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Date: 03/28/05
SP3070E - SP3078E Family, ±15kV ESD-Protected, Failsafe RS-485/RS422 Transceivers
© Copyright 2005 Sipex Corporation
4
ELECTRICAL CHARACTERISTICS
Unless otherwise noted V
CC = +3.3 ±0.3V, ambient temperature TMIN < TA < TMAX. Typical values are at VCC = 3.3,
ambient temperature T
A = +25ºC. The ♦ denotes the specifications which apply over the full operating range
unless otherwise noted.
S
R
E
T
E
M
A
R
A
PM
Y
SN
I
MP
Y
TX
A
MS
T
I
N
U
♦
♦
♦
♦
♦
S
N
O
I
T
I
D
N
O
C
)
B
d
n
a
A
(
t
n
e
r
r
u
C
t
u
p
n
I
x
e
l
p
u
D
f
l
a
H
I
B
,
A
5
2
1
A
µ
♦
♦
♦
♦
♦
D
N
G
=
E
D
V
C
C
6
.
3
r
o
D
N
G
=
V
N
I
V
2
1
+
=
0
0
1
-V
N
I
V
7
-
=
d
l
o
h
s
e
r
h
T
n
w
o
d
t
u
h
S
-
l
a
m
r
e
h
TT
S
T
5
6
1C
º
♦
♦
♦
♦
♦
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
TT
H
S
T
5
1C
º
♦
♦
♦
♦
♦
R
E
V
I
E
C
E
R
d
l
o
h
s
e
r
h
T
l
a
i
t
n
e
r
e
f
f
i
D
r
e
v
i
e
c
e
R
)
y
t
i
v
i
t
i
s
n
e
S
(
V
H
T
0
0
2
-5
2
1
-0
5
-V
m
≤
V
7
-V
M
C
V
2
1
≤
s
i
s
e
r
e
t
s
y
H
t
u
p
n
I
r
e
v
i
e
c
e
RV
∆
H
T
5
1V
m
♦
♦
♦
♦
♦
V
0
=
b
V
+
a
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
O
RV
H
O
-
c
c
V
6
.
0
V
♦
♦
♦
♦
♦
I
O
A
m
1
-
=
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
O
RV
L
O
4
.
0V
♦
♦
♦
♦
♦
I
O
A
m
1
=
t
a
t
n
e
r
r
u
C
t
u
p
t
u
O
e
t
a
t
S
-
i
r
T
r
e
v
i
e
c
e
R
I
R
Z
O
1
-
/
+A
µ
♦
♦
♦
♦
♦
V
≤
0
O
V
≤
C
C
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
r
e
v
i
e
c
e
RR
N
I
6
9
Ω
k
♦
♦
♦
♦
♦
V
≤
V
7
-
M
C
V
2
1
≤
t
i
u
c
r
i
C
-
t
r
o
h
S
t
u
p
t
u
O
r
e
v
i
e
c
e
R
t
n
e
r
r
u
C
I
R
Z
O
0
6
±A
mV
≤
V
0
O
R
V
≤
C
C
T
N
E
R
R
U
C
Y
L
P
P
U
S
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
8
.
05
.
1
A
m
♦
♦
♦
♦
♦
V
=
E
D
,
0
=
E
R
,
d
a
o
L
o
N
C
C
8
.
05
.
1V
=
E
R
,
d
a
o
L
o
N
C
C
V
=
E
D
,
C
C
8
.
05
.
10
=
E
D
,
0
=
E
R
,
d
a
o
L
o
N
n
w
o
d
t
u
h
S
n
i
t
n
e
r
r
u
C
y
l
p
p
u
S
e
d
o
m
I
N
D
H
S
5
0
.
03
A
µV
=
E
R
C
C
D
N
G
=
E
D
,
N
O
I
T
C
E
T
O
R
P
D
S
E
B
d
n
a
,
A
,
Z
,
Y
r
o
f
n
o
i
t
c
e
t
o
r
P
D
S
E
5
1
±
V
k
♦
♦
♦
♦
♦
l
e
d
o
M
y
d
o
B
n
a
m
u
H
5
1
±)
2
-
4
-
0
0
0
1
C
E
I
(
p
a
G
r
i
A
8
±)
2
-
4
-
0
0
0
1
C
E
I
(
t
c
a
t
n
o
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com