Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0134CSSM00SUEAD Datasheet(PDF) 8 Page - ON Semiconductor

Part # AR0134CSSM00SUEAD
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSM00SUEAD Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AR0134CSSM00SUEAD Datasheet HTML 4Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 5Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 6Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 7Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 8Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 9Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 10Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 11Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AR0134CS
www.onsemi.com
8
Table 3. PIN DESCRIPTIONS − 63-BALL IBGA PACKAGE (continued)
Name
Description
Type
iBGA Pin
SLVSC_P
B3
Output
HiSPi serial DDR clock differential P
SLVS2_N
B4
Output
HiSPi serial data, lane 2, differential N
SLVS2_P
B5
Output
HiSPi serial data, lane 2, differential P
VAA
B7, B8
Power
Analog power
EXTCLK
C1
Input
External input clock
VDD_SLVS
C2
Power
HiSPi power (May leave unconnected if parallel interface is used)
SLVS3_N
C3
Output
(Unsupported) HiSPi serial data, lane 3, differential N
SLVS3_P
C4
Output
(Unsupported) HiSPi serial data, lane 3, differential P
DGND
C5, D4, D5, E5, F5, G5, H5
Power
Digital GND
VDD
A6, A7, B6, C6, D6
Power
Digital power
AGND
C7, C8
Power
Analog GND
SADDR
D1
Input
Two-Wire Serial address select
SCLK
D2
Input
Two-Wire Serial clock input
SDATA
D3
I/O
Two-Wire Serial data I/O
VAA_PIX
D7, D8
Power
Pixel power
LINE_VALID
E1
Output
Asserted when DOUT line data is valid
FRAME_VALID
E2
Output
Asserted when DOUT frame data is valid
PIXCLK
E3
Output
Pixel clock out. DOUT is valid on rising edge of this clock
FLASH
E4
Output
Control signal to drive external light sources
VDD_IO
E6, F6, G6, H6, H7
Power
I/O supply power
DOUT8
F1
Output
Parallel pixel data output
DOUT9
F2
Output
Parallel pixel data output
DOUT10
F3
Output
Parallel pixel data output
DOUT11
F4
Output
Parallel pixel data output (MSB)
TEST
F7
Input
Manufacturing test enable pin (connect to DGND)
DOUT4
G1
Output
Parallel pixel data output
DOUT5
G2
Output
Parallel pixel data output
DOUT6
G3
Output
Parallel pixel data output
DOUT7
G4
Output
Parallel pixel data output
TRIGGER
G7
Input
Exposure synchronization input (Connect to DGND if HiSPi interface
is used)
OE_BAR
G8
Input
Output enable (active LOW)
DOUT0
H1
Output
Parallel pixel data output (LSB)
DOUT1
H2
Output
Parallel pixel data output
DOUT2
H3
Output
Parallel pixel data output
DOUT3
H4
Output
Parallel pixel data output
RESET_BAR
H8
Input
Asynchronous reset (active LOW). All settings are restored to factory
default
Reserved
E7, E8, F8
N/A
Reserved (do not connect)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com