Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0134CSSM00SUEAD Datasheet(PDF) 23 Page - ON Semiconductor

Part # AR0134CSSM00SUEAD
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSM00SUEAD Datasheet(HTML) 23 Page - ON Semiconductor

Back Button AR0134CSSM00SUEAD Datasheet HTML 19Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 20Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 21Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 22Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 23Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 24Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 25Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 26Page - ON Semiconductor AR0134CSSM00SUEAD Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AR0134CS
www.onsemi.com
23
Power-Down Sequence
The recommended power-down sequence for the
AR0134CS is shown in Figure 20. The available power
supplies (VDD_IO, VDD, VDD_SLVS, VDD_PLL, VAA,
VAA_PIX) must have the separation specified below.
1. Disable streaming if output is active by setting
standby R0x301a[2] = 0.
2. The soft standby state is reached after the current
row or frame, depending on configuration, has
ended.
3. Turn off VDD_SLVS.
4. Turn off VDD.
5. Turn off VDD_IO.
6. Turn off VAA/VAA_PIX.
7. Turn off VDD_PLL.
Figure 20. Power Down
EXTCLK
VDD_PLL (2.8)
VDD_IO (1.8/2.8)
VDD (1.8)
VDD_SLVS (0.4)
t0
Power Down until Next
Power Up Cycle
t1
t2
t3
t4
VAA_PIX
VAA (2.8)
Table 19. POWER-DOWN SEQUENCE
Symbol
Parameter
Min
Typ
Max
Unit
t0
VDD_SLVS to VDD
0
–
–
ms
t1
VDD to VDD_IO
0
–
–
ms
t2
VDD_IO to VAA/VAA_PIX
0
–
–
ms
t3
VAA/VAA_PIX to VDD_PLL
0
–
–
ms
t4
PwrDn until Next PwrUp Time
100
–
–
ms
26. t4 is required between power down and next power up time; all decoupling caps from regulators must be completely discharged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com