Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0134CSSC00SUEA0 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AR0134CSSC00SUEA0
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSC00SUEA0 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AR0134CSSC00SUEA0 Datasheet HTML 9Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 10Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 11Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 12Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 13Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 14Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 15Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 16Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AR0134CS
www.onsemi.com
13
Sequential READ, Start from Current Location
This sequence (Figure 11) starts in the same way as the
single READ from current location (Figure 9). Instead of
generating a no-acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge
bit and continues to perform byte READs until “L” bytes
have been read.
Figure 11. Sequential READ, Start from Current Location
N+L
N+L−1
N+2
N+1
Previous Reg Address, N
P
A
S
1
Read Data
A
Slave Address
Read Data
Read Data
Read Data
AA
A
Single WRITE to Random Location
This sequence (Figure 12) begins with the master
generating a start condition. The slave address/data
direction byte signals a WRITE and is followed by the HIGH
then LOW bytes of the register address that is to be written.
The master follows this with the byte of write data.
The WRITE is terminated by the master generating a stop
condition.
Figure 12. Single WRITE to Random Location
Previous Reg Address, N
Reg Address, M
M+1
S0
P
Slave Address
Reg Address[15:8]
Reg Address[7:0]
A
A
A
A
A
Write Data
Sequential WRITE, Start at Random Location
This sequence (Figure 13) starts in the same way as the
single WRITE to random location (Figure 12). Instead of
generating a no-acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge
bit and continues to perform byte WRITEs until “L” bytes
have been written. The WRITE is terminated by the master
generating a stop condition.
Figure 13. Sequential WRITE, Start at Random Location
Previous Reg Address, N
Reg Address, M
M+1
S0
Slave Address
A
Reg Address[15:8]
A
A
A
Reg Address[7:0]
Write Data
M+L
M+L−1
M+L−2
M+1
M+2
M+3
Write Data
A
A
A
AP
A
Write Data
Write Data
Write Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com