Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0134CSSC00SUEA0 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AR0134CSSC00SUEA0
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSC00SUEA0 Datasheet(HTML) 2 Page - ON Semiconductor

  AR0134CSSC00SUEA0 Datasheet HTML 1Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 2Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 3Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 4Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 5Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 6Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 7Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 8Page - ON Semiconductor AR0134CSSC00SUEA0 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
AR0134CS
www.onsemi.com
2
ORDERING INFORMATION
Table 2. ORDERABLE PART NUMBERS
Part Number
Description
AR0134CSSM25SUEA0
Mono, iBGA, 25
° Shift
AR0134CSSM00SUEA0
Mono, iBGA
AR0134CSSM00SUEAH
Mono, iBGA, Head Board
AR0134CSSM00SUEAD
Mono, iBGA, Demo Kit
AR0134CSSC00SUEA0
Color, iBGA
AR0134CSSC00SUEAH
Color, iBGA, Head Board
AR0134CSSC00SUEAD
Color, iBGA, Demo Kit
AR0134CSSM00SPCA0
Mono, iLCC (Parallel)
AR0134CSSM25SPCA0
Mono, iLCC (Parallel), 25
° Shift
AR0134CSSC00SPCA0
Color, iLCC (Parallel)
AR0134CSSC00SPD20
Color, Bare Die
AR0134CSSM00SPD20
Mono, Bare Die
AR0134CSSM25SPD20
Mono, Bare Die, 25
° Shift
See the ON Semiconductor Device Nomenclature
document (TND310/D) for a full description of the naming
convention used for image sensors. For reference
documentation, including information on evaluation kits,
please visit our web site at www.onsemi.com.
GENERAL DESCRIPTION
The ON Semiconductor AR0134CS can be operated in its
default mode or programmed for frame size, exposure, gain,
and other parameters. The default mode output is
a full-resolution image at 54 frames per second (fps). It
outputs 12-bit raw data, using either the parallel or serial
(HiSPi) output ports. The device may be operated in video
(master) mode or in frame trigger mode.
FRAME_VALID and LINE_VALID signals are output on
dedicated pins, along with a synchronized pixel clock.
A dedicated FLASH pin can be programmed to control
external LED or flash exposure illumination.
The AR0134CS includes additional features to allow
application-specific
tuning:
windowing,
adjustable
auto-exposure control, auto black level correction, on-board
temperature sensor, and row skip and digital binning modes.
The sensor is designed to operate in a wide temperature
range (–30
°C to +70°C).
FUNCTIONAL OVERVIEW
The AR0134CS is a progressive-scan sensor that
generates a stream of pixel data at a constant frame rate. It
uses an on-chip, phase-locked loop (PLL) that can be
optionally enabled to generate all internal clocks from a
single master input clock running between 6 and 50 MHz.
The
maximum
output
pixel
rate
is
74.25 Mp/s,
corresponding to a clock rate of 74.25 MHz. Figure 1 shows
a block diagram of the sensor.
Figure 1. Block Diagram
Control Registers
Analog Processing and
A/D Conversion
Active Pixel Sensor
(APS)
Array
Pixel Data Path
(Signal Processing)
Timing and Control
(Sequencer)
Auto Exposure
and Stats Engine
Temperature
Sensor
OTPM
Memory
PLL
External
Clock
Serial
Output
Parallel
Output
Flash
Trigger
Two-wire
Serial
Interface
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com