Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0134CSSC00SUEAD Datasheet(PDF) 9 Page - ON Semiconductor

Part # AR0134CSSC00SUEAD
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSC00SUEAD Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AR0134CSSC00SUEAD Datasheet HTML 5Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 6Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 7Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 8Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 9Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 10Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 11Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 12Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AR0134CS
www.onsemi.com
9
Figure 7. 10
y 10 mm 48-pin iLCC Package, Parallel Output
42
NC
7
41
NC
8
40
VAA
9
39
AGND
10
38
VAA_PIX
11
37
VAA_PIX
12
36
VAA
13
35
AGND
14
34
VAA
15
33
Reserved
16
32
Reserved
17
VDD_IO
31
Reserved
18
DOUT7
DOUT8
DOUT9
DOUT10
DOUT11
VDD_IO
PIXCLK
VDD
SCLK
SDATA
RESET_BAR
Table 4. PIN DESCRIPTIONS − 48-PIN ILCC PACKAGE, PARALLEL
Pin Number
Name
Type
Description
1
DOUT4
Output
Parallel pixel data output
2
DOUT5
Output
Parallel pixel data output
3
DOUT6
Output
Parallel pixel data output
4
VDD_PLL
Power
PLL power
5
EXTCLK
Input
External input clock
6
DGND
Power
Digital ground
7
DOUT7
Output
Parallel pixel data output
8
DOUT8
Output
Parallel pixel data output
9
DOUT9
Output
Parallel pixel data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com