Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0134CSSC00SUEAD Datasheet(PDF) 10 Page - ON Semiconductor

Part # AR0134CSSC00SUEAD
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSC00SUEAD Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AR0134CSSC00SUEAD Datasheet HTML 6Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 7Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 8Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 9Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 10Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 11Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 12Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 13Page - ON Semiconductor AR0134CSSC00SUEAD Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AR0134CS
www.onsemi.com
10
Table 4. PIN DESCRIPTIONS − 48-PIN ILCC PACKAGE, PARALLEL (continued)
Pin Number
Description
Type
Name
10
DOUT10
Output
Parallel pixel data output
11
DOUT11
Output
Parallel pixel data output (MSB)
12
VDD_IO
Power
I/O supply power
13
PIXCLK
Output
Pixel clock out. DOUT is valid on rising edge of this clock
14
VDD
Power
Digital power
15
SCLK
Input
Two-Wire Serial clock input
16
SDATA
I/O
Two-Wire Serial data I/O
17
RESET_BAR
Input
Asynchronous reset (active LOW). All settings are restored to factory default
18
VDD_IO
Power
I/O supply power
19
VDD
Power
Digital power
20
NC
No connection
21
NC
No connection
22
STANDBY
Input
Standby-mode enable pin (active HIGH)
23
OE_BAR
Input
Output enable (active LOW)
24
SADDR
Input
Two-Wire Serial address select
25
TEST
Input
Manufacturing test enable pin (connect to DGND)
26
FLASH
Output
Flash output control
27
TRIGGER
Input
Exposure synchronization input
28
FRAME_VALID
Output
Asserted when DOUT frame data is valid
29
LINE_VALID
Output
Asserted when DOUT line data is valid
30
DGND
Power
Digital ground
31
Reserved
N/A
Reserved (do not connect)
32
Reserved
N/A
Reserved (do not connect)
33
Reserved
N/A
Reserved (do not connect)
34
VAA
Power
Analog power
35
AGND
Power
Analog ground
36
VAA
Power
Analog power
37
VAA_PIX
Power
Pixel power
38
VAA_PIX
Power
Pixel power
39
AGND
Power
Analog ground
40
VAA
Power
Analog power
41
NC
No connection
42
NC
No connection
43
NC
No connection
44
DGND
Power
Digital ground
45
DOUT0
Output
Parallel pixel data output (LSB)
46
DOUT1
Output
Parallel pixel data output
47
DOUT2
Output
Parallel pixel data output
48
DOUT3
Output
Parallel pixel data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com