Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0331 Datasheet(PDF) 11 Page - ON Semiconductor

Part # AR0331
Description  AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AR0331 Datasheet HTML 7Page - ON Semiconductor AR0331 Datasheet HTML 8Page - ON Semiconductor AR0331 Datasheet HTML 9Page - ON Semiconductor AR0331 Datasheet HTML 10Page - ON Semiconductor AR0331 Datasheet HTML 11Page - ON Semiconductor AR0331 Datasheet HTML 12Page - ON Semiconductor AR0331 Datasheet HTML 13Page - ON Semiconductor AR0331 Datasheet HTML 14Page - ON Semiconductor AR0331 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
AR0331
www.onsemi.com
11
Table 5.
PIN DESCRIPTIONS, 9.5 x 9.5 mm, 63-BALL IBGA (continued)
Name
Description
Type
iBGA Pin
VDD
A6, A7, B6, C6, D6
Power
Digital Power
AGND
C7, C8
Power
Analog Ground
SADDR
D1
Input
Two-wire Serial Address Select. 0: 0x20. 1: 0x30
SCLK
D2
Input
Two-wire Serial Clock Input
SDATA
D3
I/O
Two-Wire Serial Data I/O
VAA_PIX
D7, D8
Power
Pixel Power
LINE_VALID
E1
Output
Asserted when DOUT Line Data is Valid
FRAME_VALID
E2
Output
Asserted when DOUT Frame Data is Valid.
PIXCLK
E3
Output
Pixel Clock Out. DOUT is Valid on Rising Edge of this Clock.
VDD_IO
E6, F6, G6, H6, H7
Power
I/O Supply Power
DOUT8
F1
Output
Parallel Pixel Data Output
DOUT9
F2
Output
Parallel Pixel Data Output
DOUT10
F3
Output
Parallel Pixel Data Output
DOUT11
F4
Output
Parallel Pixel Data Output (MSB)
TEST
F7
Input.
Manufacturing Test Enable Pin (Connect to DGND)
DOUT4
G1
Output
Parallel Pixel Data Output
DOUT5
G2
Output
Parallel Pixel Data Output
DOUT6
G3
Output
Parallel Pixel Data Output
DOUT7
G4
Output
Parallel Pixel Data Output
TRIGGER
G7
Input
Exposure Synchronization Input
OE_BAR
G8
Input
Output Enable (Active LOW)
DOUT0
H1
Output
Parallel Pixel Data Output (LSB)
DOUT1
H2
Output
Parallel Pixel Data Output
DOUT2
H3
Output
Parallel Pixel Data Output
DOUT3
H4
Output
Parallel Pixel Data Output
RESET_BAR
H8
Input
Asynchronous reset (active LOW). All settings are restored to factory
default
SHUTTER
E8
Output
Control for external mechanical shutter. Can be left floating if not used
FLASH
E4
Output
Flash Control Output
NC
A8, E7
Reserved
F8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com