Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0331 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AR0331
Description  AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 2 Page - ON Semiconductor

  AR0331 Datasheet HTML 1Page - ON Semiconductor AR0331 Datasheet HTML 2Page - ON Semiconductor AR0331 Datasheet HTML 3Page - ON Semiconductor AR0331 Datasheet HTML 4Page - ON Semiconductor AR0331 Datasheet HTML 5Page - ON Semiconductor AR0331 Datasheet HTML 6Page - ON Semiconductor AR0331 Datasheet HTML 7Page - ON Semiconductor AR0331 Datasheet HTML 8Page - ON Semiconductor AR0331 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
AR0331
www.onsemi.com
2
Table 1. KEY PARAMETERS
Parameter
Typical Value
Optical Format
1/3-inch (5.8 mm)
Note: Sensor optical format will also work with lenses designed for
1/3.2” format.
Active Pixels
2048 (H) x 1536 (V) (4:3, mode)
Pixel Size
2.2 μm x 2.2 μm
Color Filter Array
RGB Bayer
Shutter Type
Electronic rolling shutter and GRR
Input Clock Range
6 – 48 MHz
Output Clock Maximum
148.5 Mp/s (4-lane HiSPi)
74.25 Mp/s (Parallel)
Output
Serial
HiSPi 10-, 12-, 14-, or 16-bit
Parallel
10-, 12-bit
Frame Rate
Full Resolution
30 fps
1080p
60 fps
Responsivity
1.9 V/lux-sec
SNRMAX
39 dB
Max Dynamic Range
Up to 100 dB
Supply Voltage
I/O
1.8 or 2.8 V
Digital
1.8 V
Analog
2.8 V
HiSPi
0.3 V−0.6 V, 1.7 V−1.9 V
Power Consumption (Typical)
<780 mW
Operating Temperature (Ambient)
–30°C to +85° C
Package Options
10 x 10 mm 48 pin iLCC
9.5 x 9.5 mm 63-pin iBGA
ORDERING INFORMATION
Table 2. AVAILABLE PART NUMBERS
Part Number
Product Description
Orderable Product Attribute Description
AR0331SRSC00SHCA0-DRBR
48-pin iLCC HiSPi, 0° CRA
Dry Pack without Protective Film, Double Side BBAR Glass
AR0331SRSC00SHCAD3-GEVK
48-pin iLCC HiSPi, 0° CRA
Demo Kit 3
AR0331SRSC00SHCAD-GEVK
48-pin iLCC HiSPi, 0° CRA
Demo Kit
AR0331SRSC00SHCAH-GEVB
48-pin iLCC HiSPi, 0° CRA
Demo Board
AR0331SRSC00SUCA0-DPBR
48-pin iLCC Parallel, 0° CRA
Dry Pack with Protective Film, Double Side BBAR Glass
AR0331SRSC00SUCA0-DRBR
48-pin iLCC Parallel, 0° CRA
Dry Pack without Protective Film, Double Side BBAR Glass
AR0331SRSC00SUCAD3-GEVK
48-pin iLCC Parallel, 0° CRA
Demo Kit 3
AR0331SRSC00SUCAD-GEVK
48-pin iLCC Parallel, 0° CRA
Demo Kit
AR0331SRSC00SUCAH-GEVB
48-pin iLCC Parallel, 0° CRA
Demo Board
AR0331SRSC00XUEAD3-GEVK
63-pin iBGA
Demo Kit 3
AR0331SRSC00XUEAD-GEVK
63-pin iBGA
Demo Kit
AR0331SRSC00XUEAH-GEVB
63-pin iBGA
Demo Board
AR0331SRSC00XUEE0−BY−DRBR
63-pin iBGA, 0° CRA
Dry Pack without Protective Film, Double Side BBAR Glass
AR0331SRSC00XUEE0-DPBR
63-pin iBGA, 0° CRA
Dry Pack with Protective Film, Double Side BBAR Glass
AR0331SRSC00XUEE0-DRBR
63-pin iBGA, 0° CRA
Dry Pack without Protective Film, Double Side BBAR Glass
AR0331SRSC00XUEE0-DRBR1
63-pin iBGA, 0° CRA
Dry Pack without Protective Film, Double Side BBAR Glass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com