Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2706TL Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2706TL
Description  Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2706TL Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2706TL Datasheet HTML 1Page - National Semiconductor (TI) LM2706TL Datasheet HTML 2Page - National Semiconductor (TI) LM2706TL Datasheet HTML 3Page - National Semiconductor (TI) LM2706TL Datasheet HTML 4Page - National Semiconductor (TI) LM2706TL Datasheet HTML 5Page - National Semiconductor (TI) LM2706TL Datasheet HTML 6Page - National Semiconductor (TI) LM2706TL Datasheet HTML 7Page - National Semiconductor (TI) LM2706TL Datasheet HTML 8Page - National Semiconductor (TI) LM2706TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical Characteristics (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but device specifications may not be guaranteed. For guaranteed specifications and associated test conditions, see the Min and Max limits and Conditions
in the Electrical Characteristics table. Electrical characteristics table limits are guaranteed by production testing, design or correlation using standard Statistical
Quality Control methods. Typical (typ) specifications are mean or average values at 25˚C and are not guaranteed.
Note 2: Thermal shutdown will occur if the junction temperature exceeds 150˚C.
Note 3: Thermal resistance specified with 1.2" x 1.2" (2 layer 1.5 oz. Cu.) board.
Note 4: The LM2706 is designed for mobile phone applications where turn-on after power-up is controlled by the system controller and where requirements for a
small package size overrule increased die size for internal Under Voltage Lock-Out (UVLO) circuitry. Thus, it should be kept in shutdown by holding the EN pin low
until the input voltage exceeds 2.7V.
Note 5: Over-Voltage protection (OVP) hysteresis is the voltage above the nominal VOUT where the OVP comparator turns off the PFET switch while in PWM mode.
Note 6: VIN is compared to the programmed output voltage (VOUT, PROG). When VIN–VOUT, PROG falls below VBYPASS− for longer than TBYPASS the bypass FET
turns on and the switching FETS turn off. This is called the bypass mode. Bypass mode is exited when VIN–VOUT, PROG exceeds VBYPASS+ for longer than
TBYPASS, and PWM mode returns.
Note 7: Shutdown current includes the leakage currents of the PFET and Bypass FET.
Note 8: Current limit is built-in, fixed, and not adjustable. The current limit tests are done by using DC measurement methods.
System Characteristics The following specifications are based on design limits and assume that the compo-
nent values in the typical application circuit are used.These parameters are not guaranteed by production testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tresponse
Time for V
OUT to rise from 1.5V to
3.25V (PWM Mode)
V
IN = 4.2V,COUT = 4.7 µF,
R
LOAD =15
Ω
25
30
µs
Ton_pwm
Turn on time in pwm mode
EN=LtoH,
V
IN=3.6V,VOUT=3.25V,
C
OUT = 4.7 µF, RLOAD=10
Ω
600
900
µs
Z
CON
V
CON input capacitance
V
CON=1V, Test freq = 100kHz
15
pF
T_bypass
Auto bypass detect delay
(Note 6)
8
10
12
µs
Ton_bypass Bypass FET turn on time
V
IN -VOUT = 0.25V
C
OUT = 4.7µF, RLOAD =15
Ω
30
µs
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com