Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2706TL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2706TL
Description  Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2706TL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2706TL Datasheet HTML 1Page - National Semiconductor (TI) LM2706TL Datasheet HTML 2Page - National Semiconductor (TI) LM2706TL Datasheet HTML 3Page - National Semiconductor (TI) LM2706TL Datasheet HTML 4Page - National Semiconductor (TI) LM2706TL Datasheet HTML 5Page - National Semiconductor (TI) LM2706TL Datasheet HTML 6Page - National Semiconductor (TI) LM2706TL Datasheet HTML 7Page - National Semiconductor (TI) LM2706TL Datasheet HTML 8Page - National Semiconductor (TI) LM2706TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM2706
Miniature, Variable, Step-Down DC-DC Converter with
Bypass for RF Power Amplifiers
General Description
The LM2706 DC-DC converter is optimized for powering RF
power amplifiers (PAs) from a single Lithium-Ion cell. It may
also be used in many other applications. It steps down an
input voltage from 2.7V to 5.5V to a variable output from
1.5V to 3.25V up to 300 mA. Output voltage is set using a
V
CON analog input for controlling power levels and efficiency
of the RF PA. An internal bypass switch allows direct con-
nection to the battery for maximum power to the RF PA.
The device offers 4 modes for mobile phones and similar RF
PA applications. Fixed-frequency PWM mode minimizes RF
interference. Forced Bypass mode turns on an internal by-
pass switch to power the PA directly from the battery. Auto-
matic bypass mode minimizes dropout by turning on the
bypass switch when the battery decays to near the output
voltage. Shutdown mode turns the device off and reduces
battery consumption to 0.1 µA (typ.).
The device also offers internal synchronous rectification for
high efficiency (95% typ at 3.25 V
OUT, 200 mA, 3.9 VIN).
Current limit and thermal overload protection protects the
device and system during fault conditions.
The LM2706 is available in a 10-pin lead free micro SMD
package. This packaging uses National’s chip-scale micro
SMD technology and offers the smallest possible size. A high
switching frequency (600 kHz) allows use of tiny surface-
mount components. Only three small external surface-mount
components, an inductor and two ceramic capacitors, are
required.
Key Specifications
n
Operates from a single LiION cell (2.7V to 5.5V)
n
Variable output voltage (1.5V to 3.25V)
n ±
2% DC output voltage precision
n
Internal 105 m
Ω (typ) bypass switch
n
300 mA maximum load capability
n
1.4 mA typ quiescent current
n
0.1 µA typ shutdown current
n
600 kHz PWM switching frequency
n
High efficiency (95% typ at 3.9 V
IN, 3.25 VOUT at
200 mA) from internal synchronous rectification
Features
n
Forced and Automatic Bypass modes
n
Miniature 10-pin lead free micro SMD package
n
Only three tiny surface-mount external components
required
n
Uses small ceramic capacitors
n
Low output voltage ripple (<10 mV typ)
n
Internal soft start
n
Current overload protection
n
No external compensation
Applications
n
Mobile Phones
n
Hand-Held Radios
n
RF PC Cards
n
Battery Powered RF Devices
Typical Application Circuit
20040901
PRELIMINARY
February 2004
© 2004 National Semiconductor Corporation
DS200409
www.national.com


Similar Part No. - LM2706TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 NSC-LM2700 Datasheet
512Kb / 17P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700 TI1-LM2700 Datasheet
1Mb / 25P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700 Datasheet
1Mb / 26P
LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700LD-ADJ NSC-LM2700LD-ADJ Datasheet
478Kb / 17P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results

Similar Description - LM2706TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3203 TI1-LM3203 Datasheet
3Mb / 23P
Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com