Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CU877NF Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6CU877NF
Description  PLL Clock Driver for 1.8V DDR2 Memory
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CU877NF Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6CU877NF Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
PS8689B
08/05/04
PI6CU877
PLL Clock Driver for
1.8V DDR2 Memory
Timing Requirements (Over recommended operating free-air temperature)
Symbol
Decription
AVDD, VDDQ = 1.8V ±0.1V
Units
Min.
Max.
FCK
Operation clock frequency(7, 8)
25
300
MHz
Application clock frequency(7, 9)
160
270
tDC
Input clock duty cycle
40
60
%
tL
Stabalization time(10)
15
µs
tOFF
Device power down(10)
8
ns
Notes:
7.
The PLL is able to handle spread spectrum induced skew.
8.
Operating clock frequency indicates a range over which the PLL is able to lock, but in which it is not required to meet the other
timing parameters. (Used for low-speed debug).
9.
Application clock frequency indicates a range over which the PLL must meet all timing parameters.
10. Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference
signal after power up . During normal operation, the stabilization time is also the time required for the integrated PLL circuit to
obtain phase lock of its feedback signal to its reference signal when CK and CK go to a logic low state, enter the power-down
mode and later return to active operation. CK and CK maybe left floating after they have been driven low for one complete clock cycle.
DC Specifications
Param-
eter
Description
Test Condition
AVDD,
VDDQ
Min.
Typ.
Max.
Units
VIK
All Inputs
II= -18mA
1.7V
1.2
V
VOH
HIGH output voltage
IOH = -100µA
1.7 to
1.9V
VDDQ
-0.2
IOH = -9mA
1.7
1.1
IODL
Output disabled low current
OE = L, VODL = 100mV
1.7V
100
µA
VOD
Output differenital voltage, the magniture of the difference
between the true and complimentary outputs, see fig. 9 for
dimentions
0.6
V
II
CK, CK
VI = VDDQ or GND
1.9V
±250
µA
OE, OS, FBIN, FBIN
VI = VDDQ or GND
±10
IDDLD
Static Supple current, IDDQ + IADD CK and CK = L
500
IDD
Dynamic supply current, IDDQ +
IADD, see note 6 for CPD calcula-
tion
CK and CK = 270MHz,
all outputs are open (not
connected to a PCB)
300
mA
CI
CK, CK
VI = VDDQ or GND
1.8V
2
3
pF
FBIN, FBIN
VI = VDDQ or GND
2
3
CI(∆)
CK, CK
VI = VDDQ or GND
0.25
FBIN, FBIN
VI = VDDQ or GND
0.25
Notes:
6.
Total IDD = IDDQ + IADD = FCK *CPD *VDDQ, solving for CPD = (IDDQ + IADD)/(FCK*VDDQ) where FCK is the input frequency, VDDQ is the
power supply and CPD is the Power Dissipation Capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com