Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CU877NF Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6CU877NF
Description  PLL Clock Driver for 1.8V DDR2 Memory
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CU877NF Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6CU877NF Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CU877NF Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
PS8689B
08/05/04
PI6CU877
PLL Clock Driver for
1.8V DDR2 Memory
Block Diagram
Y0
Y0
Y1
AVDD
OS
OE
Y1
Y2
Y2
Y3
Y3
Y4
Y4
Y5
Y5
Y6
Y6
Y7
Y7
Y8
Y8
Y9
Y9
FBOUT
FBOUT
PLL
CK
CK
FBIN
FBIN
10K - 100kΩ
LD* or OE
LD*, OS or OE
PLL bypass
* The Logic Detect (LD) powers down the device
when a logic low is applied to both CK and CK.
Powerdown
Control &
Test Logic
LD*



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com