Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6021 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP6021
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6021 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP6021 Datasheet HTML 20Page - Microchip Technology MCP6021 Datasheet HTML 21Page - Microchip Technology MCP6021 Datasheet HTML 22Page - Microchip Technology MCP6021 Datasheet HTML 23Page - Microchip Technology MCP6021 Datasheet HTML 24Page - Microchip Technology MCP6021 Datasheet HTML 25Page - Microchip Technology MCP6021 Datasheet HTML 26Page - Microchip Technology MCP6021 Datasheet HTML 27Page - Microchip Technology MCP6021 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2003 Microchip Technology Inc.
DS21685B-page 25
MCP6021/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP6021
CMOS Single Op Amp
MCP6021T CMOS Single Op Amp
(Tape and Reel for SOIC, TSSOP)
MCP6022
CMOS Dual Op Amp
MCP6022T CMOS Dual Op Amp
(Tape and Reel for SOIC and TSSOP)
MCP6023
CMOS Single Op Amp w/ CS Function
MCP6023T CMOS Single Op Amp w/ CS Function
(Tape and Reel for SOIC and TSSOP)
MCP6024
CMOS Quad Op Amp
MCP6024T CMOS Quad Op Amp
(Tape and Reel for SOIC and TSSOP)
Temperature Range:
I
= -40°C to +85°C
E
= -40×C to +125×C
Package:
P
= Plastic DIP (300 mil Body), 8-lead, 14-lead
SN = Plastic SOIC (150mil Body), 8-lead
SL = Plastic SOIC (150 mil Body), 14-lead
ST = Plastic TSSOP, 8-lead, 14-lead
Examples:
a)
MCP6021-I/P:
Industrial temperature,
PDIP package.
b)
MCP6021-E/P:
Extended temperature,
PDIP package.
c)
MCP6021-E/SN: Extended temperature,
SOIC package.
a)
MCP6022-I/P:
Industrial temperature,
PDIP package.
b)
MCP6022-E/P:
Extended temperature,
PDIP package.
c)
MCP6022T-E/ST: Tape and Reel,
Extended temperature,
TSSOP package.
a)
MCP6023-I/P:
Industrial temperature,
PDIP package.
b)
MCP6023-E/P:
Extended temperature,
PDIP package.
c)
MCP6023-E/SN: Extended temperature,
SOIC package.
a)
MCP6024-I/SL:
Industrial temperature,
SOIC package.
b)
MCP6024-E/SL: Extended temperature,
SOIC package.
c)
MCP6024T-E/ST: Tape and Reel,
Extended temperature,
TSSOP package.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com