Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6021 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6021
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6021 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6021 Datasheet HTML 8Page - Microchip Technology MCP6021 Datasheet HTML 9Page - Microchip Technology MCP6021 Datasheet HTML 10Page - Microchip Technology MCP6021 Datasheet HTML 11Page - Microchip Technology MCP6021 Datasheet HTML 12Page - Microchip Technology MCP6021 Datasheet HTML 13Page - Microchip Technology MCP6021 Datasheet HTML 14Page - Microchip Technology MCP6021 Datasheet HTML 15Page - Microchip Technology MCP6021 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MCP6021/2/3/4
DS21685B-page 12
 2003 Microchip Technology Inc.
3.0
APPLICATIONS INFORMATION
The MCP6021/2/3/4 family of operational amplifiers
are fabricated on Microchip’s state-of-the-art CMOS
process. They are unity-gain stable and suitable for a
wide range of general-purpose applications.
3.1
Rail-to-Rail Input
The MCP6021/2/3/4 amplifier family is designed to not
exhibit phase inversion when the input pins exceed the
supply voltages. Figure 2-27 shows an input voltage
exceeding both supplies with no resulting phase
inversion.
The input stage of the MCP6021/2/3/4 family of devices
uses two differential input stages in parallel; one
operates at low common-mode input voltage (VCM),
while the other operates at high VCM. With this topology,
the device operates with VCM up to 0.3V past either
supply rail (VSS - 0.3V to VDD + 0.3V) at 25°C. The
amplifier input behaves linearly as long as VCM is kept
within the specified VCMR limits. The input offset voltage
is measured at both VCM =VSS - 0.3V and VDD + 0.3V
to ensure proper operation.
Input voltages that exceed the input voltage range
(VCMR) can cause excessive current to flow in or out of
the input pins. Current beyond ±2 mA introduces
possible reliability problems. Thus, applications that
exceed this rating must externally limit the input current
with an input resistor (RIN), as shown in Figure 3-1.
FIGURE 3-1:
RIN limits the current flow
into an input pin.
3.2
Rail-to-Rail Output
The Maximum Output Voltage Swing is the maximum
swing possible under a particular output load.
According to the specification table, the output can
reach within 20 mV of either supply rail when
RL =10kΩ. See Figure 2-31 and Figure 2-34 for more
information concerning typical performance.
3.3
MCP6023 Chip Select (CS)
The MCP6023 is a single amplifier with chip select
(CS). When CS is high, the supply current is less than
10 nA (typ) and travels from the CS pin to VSS, with the
amplifier output being put into a high-impedance state.
When CS is low, the amplifier is enabled. If CS is left
floating, the amplifier will not operate properly.
Figure 1-1 and Figure 2-39 show the output voltage
and supply current response to a CS pulse.
3.4
MCP6021 and MCP6023 Reference
Voltage
The single op amps (MCP6021 and MCP6023) have
an internal mid-supply reference voltage connected to
the VREF pin (see Figure 3-2). The MCP6021 has CS
internally tied to VSS, which always keeps the op amp
on and always provides a mid-supply reference. With
the MCP6023, taking the CS pin high conserves power
by shutting down both the op amp and the VREF
circuitry. Taking the CS pin low turns on the op amp and
VREF circuitry.
FIGURE 3-2:
Simplified internal VREF
circuit (MCP6021 and MCP6023 only).
See Figure 3-3 for a non-inverting gain circuit using the
internal mid-supply reference. The DC-blocking
capacitor (CB) also reduces noise by coupling the op
amp input to the source.
FIGURE 3-3:
Non-inverting gain circuit
using VREF (MCP6021 and MCP6023 only).
VIN
RIN
VOUT
MCP602X
RIN ≥
(Maximum expected VIN) - VDD
2mA
RIN ≥
VSS - (Minimum expected VIN)
2mA
VDD
VSS
VREF
CS
50 k
Ω
50 k
Ω
(CS tied internally to VSS for MCP6021)
VIN
RG
RF
VOUT
CB
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com