Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7610AS Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7610AS
Description  D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7610AS Datasheet(HTML) 3 Page - Exar Corporation

  MP7610AS Datasheet HTML 1Page - Exar Corporation MP7610AS Datasheet HTML 2Page - Exar Corporation MP7610AS Datasheet HTML 3Page - Exar Corporation MP7610AS Datasheet HTML 4Page - Exar Corporation MP7610AS Datasheet HTML 5Page - Exar Corporation MP7610AS Datasheet HTML 6Page - Exar Corporation MP7610AS Datasheet HTML 7Page - Exar Corporation MP7610AS Datasheet HTML 8Page - Exar Corporation MP7610AS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP7610
3
Rev. 4.01
PIN DESCRIPTION
SOIC
Pin #
PLCC
Pin #
Symbol
Description
1
2
AGND
Analog Ground
2
3
VO0
DAC 0 Output
3
4
VO1
DAC 1 Output
4
5
VO2
DAC 2 Output
5
6
VO3
DAC 3 Output
6
7
VEE
Analog Negative Power Supply (--12 V)
7
9
VCC
Analog Positive Power Supply (+12 V)
8
12
VREF
Voltage Reference Input (+5 V)
9
13
VCC
Analog Positive Power Supply (+12 V)
10
15
VEE
Analog Negative Power Supply (--12 V)
11
18
VO4
DAC 4 Output
12
19
VO5
DAC 5 Output
13
20
VO6
DAC 6 Output
14
21
VO7
DAC 7 Output
15
24
AGND
Analog Ground
16
N/C
No Connection
17
26
RST
Reset all DACs to 0 V Output
18
N/C
No Connection
19
29
LD
Load Signal; Load Data to Selected DAC
20
31
CLK
Serial Data Clock
21
32
SDI
Serial Data Input
22
34
SDO
Shift Register Serial Output
23
N/C
No Connection
24
37
N/C
No Connection or DVDD
25
40
DVDD
Digital Positive Power Supply (+5 V)
26
N/C
No Connection
27
1, 8, 10, 11, 14,
16, 17, 22, 23,
25, 27, 28, 30,
33, 35, 36, 38,
39, 41, 42, 43
N/C
No Connection
28
44
DGND
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com