Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7610AS Datasheet(PDF) 8 Page - Exar Corporation

Part # MP7610AS
Description  D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7610AS Datasheet(HTML) 8 Page - Exar Corporation

Back Button MP7610AS Datasheet HTML 4Page - Exar Corporation MP7610AS Datasheet HTML 5Page - Exar Corporation MP7610AS Datasheet HTML 6Page - Exar Corporation MP7610AS Datasheet HTML 7Page - Exar Corporation MP7610AS Datasheet HTML 8Page - Exar Corporation MP7610AS Datasheet HTML 9Page - Exar Corporation MP7610AS Datasheet HTML 10Page - Exar Corporation MP7610AS Datasheet HTML 11Page - Exar Corporation MP7610AS Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP7610
8
Rev. 4.01
The MP7610 is equipped with a serial data (3-wire standard)
m-processor logic interface to reduce pin count, package size,
and board wire (space). If the LD signal is high, the CLK signal
loads the digital input bits (SDI) into the shift register (4 bits ad-
dress A3 to A0 plus 14 bits data D13 to D0 for the MP7610). The
LD signal going low loads the data into the selected DAC. The
LD signal going low also disables the serial data (SDI), output
(SDO tri-stated) and the CLK input. This design tremendously
reduces digital noise and glitch transients into the DACs due to
free running CLK and SDI. Note also that the preset signal
(RST) resets all analog outputs to 0 volt regardless of digital in-
puts.
A3 A2 A1 A0
X
X
X
X
1
1
DAC 0
0
0
0
1
DAC 1
0
0
1
0
DAC 2
0
0
1
1
DAC 3
0
1
0
0
DAC 4
0
1
0
1
DAC 5
0
1
1
0
DAC 6
0
1
1
1
DAC 7
1
0
0
0
X
X
X
X
X
X
X
X
1
1
1
1
1
1
1
1
X
X
X
X
X
X
0
1
1
1
0
1
1
1
1
1
1
Function
LD
CLK
RST
Shift Data In
and Out
0®1
Repeat
Load DACs
1®0
1®0
1®0
1®0
1®0
1®0
1®0
Reset all DACs
to 0 V
No Operation
No Operation
Table 1. Digital Function Truth Table
Serial In/Serial Out
1®0
X
X
X
X
X
SDI
Data Input
Valid
X
X
X
X
X
X
X
X
X
X
X
SDO
Data Output
Valid
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
0
0
0
No Operation
Stop Shifting
Data In and
Out
X
X
X
X
0
1
Hi-Z
X
X
X
No Operation
Note: For timing information See Electrical Characteristics.
Table 2. MP7610 Ideal DAC Output vs. Input Code
Hex Code
Output Voltage = 2 · Vr (--1 +
O O O O
10 · (--1 + 0) = --10
1 F F F
10 · (--1 +
) = --1.22 mV
Binary Code
2·D
16384
)
(Vr = +5 V)
00000000000000
01111111111111
16382
16384
10000000000000
16384
16384
2 O O O
10 · (--1 +
) = 0
10000000000001
16386
16384
2 O O 1
10 · (--1 +
) = 1.22 mV
11111111111111
32766
16384
3 F F F
10 · (--1 +
) = 9.99878
Note: See Electrical Characteristics for real system accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com