Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC862
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC862 Datasheet HTML 1Page - Motorola, Inc MPC862 Datasheet HTML 2Page - Motorola, Inc MPC862 Datasheet HTML 3Page - Motorola, Inc MPC862 Datasheet HTML 4Page - Motorola, Inc MPC862 Datasheet HTML 5Page - Motorola, Inc MPC862 Datasheet HTML 6Page - Motorola, Inc MPC862 Datasheet HTML 7Page - Motorola, Inc MPC862 Datasheet HTML 8Page - Motorola, Inc MPC862 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
MOTOROLA
MPC862/857T/857DSL Hardware Specifications
5
Features
•
One inter-integrated circuit (I2C) port
— Supports master and slave modes
— Multiple-master environment support
•
Time-slot assigner (TSA) (The MPC857DSL does not have the TSA)
— Allows SCCs and SMCs to run in multiplexed and/or non-multiplexed operation
— Supports T1, CEPT, PCM highway, ISDN basic rate, ISDN primary rate, user defined
— 1- or 8-bit resolution
— Allows independent transmit and receive routing, frame synchronization, clocking
— Allows dynamic changes
— On the MPC862P and MPC862T, can be internally connected to six serial channels (four SCCs
and two SMCs); on the MPC857T, can be connected to three serial channels (one SCC and two
SMCs)
•
Parallel interface port (PIP)
— Centronics interface support
— Supports fast connection between compatible ports on MPC862/857T/857DSL or MC68360
•
PCMCIA interface
— Master (socket) interface, release 2.1 compliant
— Supports one or two PCMCIA sockets dependent upon whether ESAR functionality is enabled
— 8 memory or I/O windows supported
•
Low power support
— Full on—All units fully powered
— Doze—Core functional units disabled except time base decrementer, PLL, memory controller,
RTC, and CPM in low-power standby
— Sleep—All units disabled except RTC, PIT, time base, and decrementer with PLL active for fast
wake up
— Deep sleep—All units disabled including PLL except RTC, PIT, time base, and decrementer.
— Power down mode— All units powered down except PLL, RTC, PIT, time base and
decrementer
•
Debug interface
— Eight comparators: four operate on instruction address, two operate on data address, and two
operate on data
— Supports conditions: =
≠ < >
— Each watchpoint can generate a break point internally
•
3.3 V operation with 5-V TTL compatibility except EXTAL and EXTCLK
•
357-pin plastic ball grid array (PBGA) package
•
Operation up to 100MHz
The MPC862/857T/857DSL is comprised of three modules that each use the 32-bit internal bus: the
MPC8xx core, the system integration unit (SIU), and the communication processor module (CPM). The
MPC862P/862T block diagram is shown in Figure 1. The MPC857T/857DSL block diagram is shown in
Figure 2.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com