Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC862
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC862 Datasheet HTML 1Page - Motorola, Inc MPC862 Datasheet HTML 2Page - Motorola, Inc MPC862 Datasheet HTML 3Page - Motorola, Inc MPC862 Datasheet HTML 4Page - Motorola, Inc MPC862 Datasheet HTML 5Page - Motorola, Inc MPC862 Datasheet HTML 6Page - Motorola, Inc MPC862 Datasheet HTML 7Page - Motorola, Inc MPC862 Datasheet HTML 8Page - Motorola, Inc MPC862 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
2
MPC862/857T/857DSL Hardware Specifications
MOTOROLA
Features
Features
Table 1 shows the functionality supported by the members of the MPC862/857T/857DSL family.
2
Features
The following list summarizes the key MPC862/857T/857DSL features:
•
Embedded single-issue, 32-bit MPC8xx core (implementing the PowerPC architecture) with
thirty-two 32-bit general-purpose registers (GPRs)
— The core performs branch prediction with conditional prefetch, without conditional execution
— 4- or 8-Kbyte data cache and 4- or 16-Kbyte instruction cache (see Table 1).
– 16-Kbyte instruction cache (MPC862P) is four-way, set-associative with 256 sets; 4-Kbyte
instruction cache (MPC862T, MPC857T, and MPC857DSL) is two-way, set-associative
with 128 sets.
– 8-Kbyte data cache (MPC862P) is two-way, set-associative with 256 sets; 4-Kbyte data
cache (MPC862T, MPC857T, and MPC857DSL) is two-way, set-associative with 128 sets.
– Cache coherency for both instruction and data caches is maintained on 128-bit (4-word)
cache blocks.
– Caches are physically addressed, implement a least recently used (LRU) replacement
algorithm, and are lockable on a cache block basis.
— MMUs with 32-entry TLB, fully associative instruction and data TLBs
— MMUs support multiple page sizes of 4, 16, and 512 Kbytes, and 8 Mbytes; 16 virtual address
spaces and 16 protection groups
— Advanced on-chip-emulation debug mode
•
The MPC862/857T/857DSL provides enhanced ATM functionality over that of the MPC860SAR.
The MPC862/857T/857DSL adds major new features available in “enhanced SAR” (ESAR) mode,
including the following:
— Improved operation, administration and maintenance (OAM) support
— OAM performance monitoring (PM) support
— Multiple APC priority levels available to support a range of traffic pace requirements
— ATM port-to-port switching capability without the need for RAM-based microcode
— Simultaneous MII (10/100Base-T) and UTOPIA (half-duplex) capability
Table 1. MPC862 Family Functionality
Part
Cache
Ethernet
SCC
SMC
Instruction
Cache
Data Cache
10T
10/100
MPC862P
16 Kbyte
8 Kbyte
Up to 4
1
4
2
MPC862T
4 Kbyte
4 Kbyte
Up to 4
1
4
2
MPC857T
4 Kbyte
4 Kbyte
1
1
1
2
MPC857DSL
4 Kbyte
4 Kbyte
1
1
1 1
1 On the MPC857DSL, the SCC (SCC1) is for ethernet only. Also, the MPC857DSL does
not support the Time Slot Assigner (TSA).
1 2
2 On the MPC857DSL, the SMC (SMC1) is for UART only.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com