Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC980M-MODULE Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # VC980M-MODULE
Description  VCSEL module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

VC980M-MODULE Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  VC980M-MODULE Datasheet HTML 1Page - Roithner LaserTechnik GmbH VC980M-MODULE Datasheet HTML 2Page - Roithner LaserTechnik GmbH VC980M-MODULE Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
1
VC980M-MODULE
Description
VC980M-Module is a VCSEL module emitting at 980 nm with rated output power of max
0.75 mW. The module’s body is made of black anodized aluminium, enclosing VCSEL and an
adjustable 3-glass collimator lens.
Maximum Ratings
Parameter
Symbol
Values
Unit
Min.
Max.
Forward Current
IF
12
mA
Reverse Voltage
VR
5
V
Operating Temperature
TCASE
0
+ 85
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Soldering Temperature (max. 10s)
TSOLD
260
°C
Specifications (TCASE=25°C, IF=20mA)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Peak Wavelength
λ
P
970
980
990
nm
Optical Power
PO
0.75
mW
Spectral Width
Δλ
0.85
nm
Output Aperture
Ø5
mm
Threshold Current
ITH
1.5
mA
Forward Current
IF
6
mA
Forward Voltage
VF
1.6
2.0
V
Breakdown Voltage
VB
-10
V
Slope Efficiency
η
0.2
0.3
0.5
Ω
Dynamic Resistance
RD
25
35
55
nm/°C
Focus
adjustable
Lens Type
3-glass lens, AR coated
Material Body
Aluminium, black anodized
Dimensions
Ø10 x 18
mm
PIN Leads
Ø0.25 x 13.5 and ~10 (short pin)
mm
rev 1.1 31.08.2015


Similar Part No. - VC980M-MODULE

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
VC980M-TO46FW ROITHNER-VC980M-TO46FW Datasheet
868Kb / 3P
multi mode
More results

Similar Description - VC980M-MODULE

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MCE-8V4C-312 UOT-MCE-8V4C-312 Datasheet
81Kb / 2P
850 nm VCSEL
MCE-8V4C-302 UOT-MCE-8V4C-302 Datasheet
81Kb / 2P
850 nm VCSEL
MCE-8V4C-301 UOT-MCE-8V4C-301 Datasheet
81Kb / 2P
850 nm VCSEL
logo
Finisar Corporation.
HFE4081-321 FINISAR-HFE4081-321 Datasheet
267Kb / 6P
Attenuated VCSEL with Back Monitor Photodiode - VCSEL Anode Common
logo
Micrel Semiconductor
SY88024L MICREL-SY88024L Datasheet
365Kb / 10P
11.3Gbps VCSEL DRIVER
logo
OPLINK Communications I...
DTR1250-MM-LS-MR OPLINK-DTR1250-MM-LS-MR Datasheet
113Kb / 6P
VCSEL Transceivers
logo
Roithner LaserTechnik G...
VC670M-TO46FW-2 ROITHNER-VC670M-TO46FW-2 Datasheet
431Kb / 3P
red vcsel
VC670M-TO46FW-PD ROITHNER-VC670M-TO46FW-PD Datasheet
466Kb / 3P
red vcsel
VC850S-SMD ROITHNER-VC850S-SMD Datasheet
472Kb / 2P
infrared vcsel
logo
Rohm
RLD94SAQ8 ROHM-RLD94SAQ8 Datasheet
748Kb / 5P
940nm Infrared VCSEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com