Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC980M-MODULE Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # VC980M-MODULE
Description  VCSEL module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

VC980M-MODULE Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  VC980M-MODULE Datasheet HTML 1Page - Roithner LaserTechnik GmbH VC980M-MODULE Datasheet HTML 2Page - Roithner LaserTechnik GmbH VC980M-MODULE Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.roithner-laser.com
2
Drawing
3 glass lens
EFL
8.0 mm
SD
3.1 mm
NA
0.298
CA
5.0 mm
ET
9.8 mm
Housing
M9 x 0.5
AR coating
630 – 670 nm
All dimensions units are mm
Electrical Connection
Lead
Description
PIN 1
Anode
PIN 2
n.c.
PIN 3
Cathode
Additional Information
6.4
14 0
0.2 x 45°
18.0
9.8
PIN 1
PIN 3
PIN 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com