Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH56D-PCI Datasheet(PDF) 6 Page - Synaptics Incorporated.

Part # RH56D-PCI
Description  Host Controlled V.90/K56flex Modem device
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RH56D-PCI Datasheet(HTML) 6 Page - Synaptics Incorporated.

Back Button RH56D-PCI Datasheet HTML 2Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 3Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 4Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 5Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 6Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 7Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 8Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 9Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 10Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5+'3&,
9.IOH[0RGHP'HYLFH6HWIRU'HVNWRS$SSOLFDWLRQV

&RQH[DQW
0'
&RQH[DQW 3URSULHWDU\ ,QIRUPDWLRQ
XIN
XOUT
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
AD8
AD9
AD10
AD11
AD12
AD13
AD14
AD15
AD16
AD17
AD18
AD19
AD20
AD21
AD22
AD23
AD24
AD25
AD26
AD27
AD28
AD29
AD30
AD31
CBE0#
CBE1#
CBE2#
CBE3#
PCICLK
FRAME#
IDSEL
DEVSEL#
IRDY#
TRDY#
PAR
REQ#
GNT#
INTA#
STOP#
PERR#
SERR#
PME#
PCIRST#
VIO
VIO
VauxDET
VauxEN#
VpciEN#
VpciDET
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
AVDD
AGND
AGND
AGND
AGND
AGNDM
AGNDV/NC*
GND
GND
GND
GND
GND
GND
GND
83
82
44
43
42
41
39
38
37
36
32
31
29
28
27
26
24
23
11
10
9
8
6
5
4
3
138
137
136
134
133
132
131
130
33
22
12
139
126
13
144
16
14
15
21
128
127
123
17
18
19
85
124
1
140
114
116
117
125
2
7
20
25
30
34
40
71
79
81
97
105
115
135
59
54
55
70
78
67
57
35
84
98
113
141
142
143
27pF
5%
28.224
MHz
1M
27pF
5%
PCI BUS
SROMCS
SROMCLK
SROMIN
SROMOUT
RINGWAKE# (INPUT0)
OH# (GPIO0)
CID# (GPIO1)
VOICE# (GPIO2)
LCS# (INPUT2)
IRING# (INPUT3)
EXT_L# (INPUT4)
LCS_L#/RH_L# (INPUT 5)
RXA
TXA1
TXA2
VREF
VC
SPKMUTE (GPIO8)
DSPKOUT
SPKOUT*
MIC_V/NC*
TELIN/NC*
TELOUT/NC*
SLEEPO (GPIO15)
IASLEEP
M_CLK
V_SCLK
M_SCLK
V_STROBE
M_STROBE
V_TXSIN
M_TXSIN
V_RXOUT
M_RXOUT
V_CTRL
M_CTRL
MCTRLSIN
VCTRLSIN/NC*
MRXOUT
VRXOUT/NC*
MTXSIN
VTXSIN/NC*
MSTROBE
VSTROBE/NC*
MSCLK
VSCLK/NC*
MCLKIN
VCLKIN/NC*
GPOL1
GPIO3
GPIO14
INPUT1
NC
SET3V#
CLKRUN#
DRESET# (GPOL0)
RESET#
119
122
121
120
106
104
103
102
108
110
111
112
66
61
62
63
64
100
69
60
65
56
58
46
53
95
88
93
90
91
87
94
89
92
86
96
72
52
76
48
74
50
77
47
75
49
73
51
118
101
99
107
109
80
129
45
68
EEPROM
DAA
AUDIO CIRCUIT
NC
MD239F3 HIS R6795
NC (AVDD = +5V) or
GND (AVDD = +3.3V)
POWER DETECTION AND
SWITCHING CIRCUIT
+3.3V
AGND
+3.3VA or +5VA
GND
10
10
0.1 CER
0.1 CER
FB
RH56D-PCI
R6795
144-PIN TQFP
+3.3V
10K
)LJXUH  5 3LQ 74)3 +DUGZDUH ,QWHUIDFH 6LJQDOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com