Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH56D-PCI Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # RH56D-PCI
Description  Host Controlled V.90/K56flex Modem device
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RH56D-PCI Datasheet(HTML) 2 Page - Synaptics Incorporated.

  RH56D-PCI Datasheet HTML 1Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 2Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 3Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 4Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 5Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 6Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 7Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 8Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5+'3&,
9.IOH[0RGHP'HYLFH6HWIRU'HVNWRS$SSOLFDWLRQV

&RQH[DQW
0'
&RQH[DQW 3URSULHWDU\ ,QIRUPDWLRQ
Features (Continued)
• Supports PCI Bus Power Management
− Conforms to PCI Bus Power Management
Specification, Rev. 1.1
− ACPI Power Management Registers
− APM support
− PME# support
• Device package
− R6795 Modem: 144-pin TQFP (1.6 mm max. height)
• +3.3V operation with +5V tolerant digital inputs
• +5V or +3.3V analog operation
7DEOH  0RGHP 0RGHOV DQG )XQFWLRQV
0DUNHWLQJ
0RGHO 1XPEHU
&RPELQHG 3&, %XV ,QWHUIDFH %,)
DQG 0RGHP 'DWD 3XPS 0'3
3DUW 1R >3LQ 74)3@
6LJQDO
3URFHVVLQJ
+RVW %XV
9.IOH[ 'DWD
9 )D[
9RLFH7$0
)'63
5+'3&,
5
+DUGZDUH '63
3&,
<
²
5+'633&,
5
+DUGZDUH '63
3&,
<
<
1RWHV

0RGHO RSWLRQV
63
)XOOGXSOH[ VSHDNHUSKRQH )'63
3&,
3&, %XV LQWHUIDFH

6XSSRUWHG IXQFWLRQV < 6XSSRUWHG ± 1RW VXSSRUWHG 
9RLFH7$0
9RLFH SOD\EDFN DQG UHFRUG WKURXJK OLQH
)'63
)XOOGXSOH[ VSHDNHUSKRQH DQG YRLFH SOD\EDFN DQG UHFRUG WKURXJK OLQH KDQGVHW DQG PLFVSHDNHU
Information provided by Conexant Systems, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Conexant for its use, nor any
infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent rights of
Conexant other than for circuitry embodied in Conexant products. Conexant reserves the right to change circuitry at any time without notice. This document is
subject to change without notice.
K56flex is a trademark of Conexant Systems, Inc. and Lucent Technologies.
Conexant and “What's Next in Communications Technologies” are trademarks of Conexant Systems, Inc.
Product names or services listed in this publication are for identification purposes only, and may be trademarks or registered trademarks of their respective
companies. All other marks mentioned herein are the property of their respective owners.
©1999, Conexant Systems, Inc.
Printed in U.S.A.
All Rights Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com