Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1801AV Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # SSD1801AV
Description  LCD Segment / Common Driver with Controller for Character Display System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1801AV Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button SSD1801AV Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 42Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
SSD1801 Series
Rev 1.1
01/2003
SOLOMON
39
Figure 25 - Application Circuit: ALL internal power mode with 3x regulated DC-DC converter
(8-bit 8080 mode)
Logic pin connections not specified above:
Pins connected to DVdd: P/ S , DL, DIRS
Pins connected to DVss: REF, CLK, and C68/( 80 )
SSD1801 IC
24 MUX
(DIE FACE IP)
SEG79……………………………………………………………………………SEG0
COMI1
COM23
COM22
COM21
COM20
COM15
COM14
:
:
COM9
COM8
COM19
COM18
COM17
COM16
COM7
COM6
COM5
:
:
COM0
COMI0
SEG0…………………………………………………………SEG79
DISPLAY PANEL SIZE
80 X 24 + 1 ICON LINE
COM8
COM9
:
:
COM14
COM15
:
:
COM20
COM21
COM22
COM23
COMI1
COMI0
COM0
COM1
:
:
COM6
COM7
:
:
COM16
COM17
COM18
COM19
AVDD
VDD = 3.0V
DVDD VL2 VL3 VL4 VL5 VL6
AVDD
VOUT C1N C1P C2N C2P
R1
R2
VF
AVSS
+C1 C2
C2
C1: 2.2 -4.7 uF
C2: 0.1-1uF
+
+
Remarks :
R1 and R2 = 500K-2.5M ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com