Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1801AV Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SSD1801AV
Description  LCD Segment / Common Driver with Controller for Character Display System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1801AV Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SSD1801AV Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1801AV Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
SOLOMON
Rev 1
.1
01/2003
SSD1801 Series
12
FUNCTIONAL BLOCK DESCRIPTIONS
Command Decoder and Command Interface
This module determines whether the input data is interpreted as data or command. Data is directed to this module
based upon the input of the D/ C pin. If D/ C is high, data is written to internal memories (DDRAM, CGRAM,
ICONRAM). If D/ C is low, the input at D7-D0 is interpreted as a Command and it will be decoded and be written to
the corresponding command register.
MPU Parallel 6800-series Interface in 8 bits bus mode
The parallel interface consists of 8 bi-directional data pins (D7-D0), R/W( WR ), D/ C, E( RD ), CS . R/W( WR )
input high indicates a read operation from the internal RAM (DDRAM, CGRAM and ICONRAM). R/W( WR ) input low
indicates a write operation to internal RAM (DDRAM, CGRAM and ICONRAM) or Internal Command Registers
depending on the status of D/ C input. The E( RD ) input serves as data latch signal (clock) when high provided that
CS are low. Refer to Figure 20 for Parallel Interface Timing Diagram of 6800-series microprocessors.
In order to match the operating frequency of display RAM with that of the microprocessor, some pipeline
processings are internally performed which require the insertion of a dummy read before the first actual display data
read. This is shown in Figure 4 below. The dummy read make the address counter (AC) increased by 1. So it is
recommended to set address again before writing. The consecutive read after the dummy read are also the valid
data. The instruction read cycle is not supported and it is regarded as a no operation cycle.
MPU Parallel 8080-series Interface in 8 bits bus mode
The parallel interface consists of 8 bi-directional data pins (D7-D0), R/W( WR ), D/ C, E( RD ), CS . E( RD ) input
serves as data read latch signal (clock) when low provided that CS is low whether it is Command write or internal
RAM read/ write is controlled by D/ C. R/W( WR ) input serves as data write latch signal (clock) when low provided
that CS is low. Refer to Figure 21 for Parallel Interface Timing Diagram of 8080-series microprocessor.
Similar to 6800-series interface, a dummy read is also required before the first actual display data read.
4-bit MPU Parallel 6800/8080-Series Interface
The control of 4-bit bus mode is exactly the same as 8-bit bus mode except 2 consecutive access (read/ write) is
needed to read/ write 8 bits data. For write operation, upper order bits are written before the low order bits, and low
order bits are always read before the upper order bit in read transaction.
MPU Serial Interface
The serial interface consists of serial clock SCK (D6), serial data SDA (D7), D/ C, CS . SDA is shifted into a 8-bit
shift register on every rising edge of SCK in the order of D7, D6, ... D0. D/ C is sampled on every eighth clock to
determine whether the data byte in the shift register is written to the internal RAM (DDRAM, CGRAM, ICONRAM) or
command register at the same clock.
Oscillator Circuit
This module is an On-Chip low power RC oscillator circuitry. The oscillator generates the clock for the DC-DC
voltage converter. This clock is also used in the Display Timing Generator.
ADDRESS COUNTER (AC)
Address Counter (AC) in SSD1801 stores DDRAM/ CGRAM/ ICONRAM address. After writing into or reading
from DDRAM/ CGRAM/ ICONRAM. AC is automatically increased by 1. There is only one address counter and stores
the address among DDRAM / CGRAM / ICONRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com