Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7530PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS7530PWPR
Description  HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7530PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS7530PWPR Datasheet HTML 2Page - Texas Instruments THS7530PWPR Datasheet HTML 3Page - Texas Instruments THS7530PWPR Datasheet HTML 4Page - Texas Instruments THS7530PWPR Datasheet HTML 5Page - Texas Instruments THS7530PWPR Datasheet HTML 6Page - Texas Instruments THS7530PWPR Datasheet HTML 7Page - Texas Instruments THS7530PWPR Datasheet HTML 8Page - Texas Instruments THS7530PWPR Datasheet HTML 9Page - Texas Instruments THS7530PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
THS7530
SLOS405A DECEMBER 2002– REVISED APRIL 2003
www.ti.com
6
PIN ASSIGNMENTS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
NC
VIN+
VIN–
VG+
VG–
PD
VCL+
VCL–
VOCM
VOUT–
VOUT +
VS+
VS–
THD7530PWP
(TOP VIEW)
NC – No internal connection
Terminal Functions
TERMINAL
DESCRIPTION
NO.
NAME
DESCRIPTION
1
NC
No internal connection
2
NC
No internal connection
3
VIN+
Noninverting amplifier input
4
VIN–
Inverting amplifier input
5
VG+
Gain setting positive input
6
VG–
Gain setting negative input
7
PD
Powerdown, PD = logic low puts part into low power mode, PD = logic high or open for normal operation
8
VS–
Negative amplifier power supply input
9
VS+
Positive amplifier power supply input
10
VOUT+
Noninverted amplifier output
11
VOUT–
Inverted amplifier output
12
VOCM
Output common-mode voltage input
13
VCL–
Output negative clamp voltage input
14
VCL+
Output positive clamp voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com