Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7530PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS7530PWPR
Description  HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7530PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS7530PWPR Datasheet HTML 8Page - Texas Instruments THS7530PWPR Datasheet HTML 9Page - Texas Instruments THS7530PWPR Datasheet HTML 10Page - Texas Instruments THS7530PWPR Datasheet HTML 11Page - Texas Instruments THS7530PWPR Datasheet HTML 12Page - Texas Instruments THS7530PWPR Datasheet HTML 13Page - Texas Instruments THS7530PWPR Datasheet HTML 14Page - Texas Instruments THS7530PWPR Datasheet HTML 15Page - Texas Instruments THS7530PWPR Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
THS7530
SLOS405A DECEMBER 2002– REVISED APRIL 2003
www.ti.com
13
THEORY OF OPERATION
Figure 26 shows a simplified schematic of the THS7530.
The input architecture is a modified Gilbert Cell. The output from the Gilbert Cell is converted to a voltage and buffered
to the output as a fully-differential signal. A summing node between the outputs is used to compare the output
common-mode voltage to the VOCM input. The VOCM error amplifier then servos the output common-mode voltage
to maintain it equal to the VOCM input. Left unterminated, VOCM is set to midsupply by internal resistors.
The gain control input is conditioned to give linear in dB gain control (block H). The gain control input is a differential
signal from 0 V to 0.9 V which varies the gain from 11.6 dB to 46.5 dB.
VCL+ and VCL– provide inputs that limit the output voltage swing of the amplifier.
Output
Buffer
Power
Control
H
VOUT+
VOUT–
VOCM
VCL–
VCL+
VS+
VIN+
VIN–
PD
VS–
VG+
VG–
THS7530
x1
VOCM Error
Amplifier
Figure 26. THS7530 Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com