Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7693 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7693
Description  500 kSPS PulSAR Differential ADC in MSOP/LFCSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7693 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7693 Datasheet HTML 9Page - Analog Devices AD7693 Datasheet HTML 10Page - Analog Devices AD7693 Datasheet HTML 11Page - Analog Devices AD7693 Datasheet HTML 12Page - Analog Devices AD7693 Datasheet HTML 13Page - Analog Devices AD7693 Datasheet HTML 14Page - Analog Devices AD7693 Datasheet HTML 15Page - Analog Devices AD7693 Datasheet HTML 16Page - Analog Devices AD7693 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD7693
Data Sheet
THEORY OF OPERATION
SW+
MSB
16,384C
IN+
LSB
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
REF
GND
IN–
4C
2C
C
C
32,768C
SW–
MSB
16,384C
LSB
4C
2C
C
C
32,768C
Figure 25. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7693 is a fast, low power, single-supply, precise, 16-bit
ADC using a successive approximation architecture.
The AD7693 is capable of converting 500,000 samples per
second (500 kSPS) and powers down between conversions.
When operating at 1 kSPS, for example, it consumes 40 µW
typically, ideal for battery-powered applications.
The AD7693 provides the user with an on-chip track-and-hold
and does not exhibit pipeline delay or latency, making it ideal
for multiple multiplexed channel applications.
The AD7693 is specified from 4.5 V to 5.5 V and can be
interfaced to any 1.8 V to 5 V digital logic family. It is housed in
a 10-lead MSOP or a tiny 10-lead LFCSP that combines space
savings and allows flexible configurations.
It is pin-for-pin compatible with the 16-bit AD7687 and
AD7688 and with the 18-bit AD7690 and AD7691.
CONVERTER OPERATION
The AD7693 is a successive approximation ADC based on a
charge redistribution DAC. Figure 25 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 16 binary-weighted capacitors, which are
connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator’s input are connected to GND via SW+ and SW−.
All independent switches are connected to the analog inputs.
Thus, the capacitor arrays are used as sampling capacitors and
acquire the analog signal on the IN+ and IN− inputs. When the
acquisition phase is complete and the CNV input goes high, a
conversion phase is initiated. When the conversion phase
begins, SW+ and SW− are opened first. The two capacitor
arrays are then disconnected from the inputs and connected to
the GND input. Therefore, the differential voltage between the
IN+ and IN− inputs captured at the end of the acquisition phase
is applied to the comparator inputs, causing the comparator to
become unbalanced. By switching each element of the capacitor
array between GND and REF, the comparator input varies by
binary-weighted voltage steps (VREF/2, VREF/4 ... VREF/32,768).
The control logic toggles these switches, starting with the MSB,
to bring the comparator back into a balanced condition. After
the completion of this process, the part returns to the
acquisition phase, and the control logic generates the ADC
output code and a busy signal indicator.
Because the AD7693 has an on-board conversion clock, the
serial clock, SCK, is not required for the conversion process.
Rev. B | Page 12 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com