Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4899 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC4899
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4899 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC4899 Datasheet HTML 2Page - Renesas Technology Corp 2SC4899 Datasheet HTML 3Page - Renesas Technology Corp 2SC4899 Datasheet HTML 4Page - Renesas Technology Corp 2SC4899 Datasheet HTML 5Page - Renesas Technology Corp 2SC4899 Datasheet HTML 6Page - Renesas Technology Corp 2SC4899 Datasheet HTML 7Page - Renesas Technology Corp 2SC4899 Datasheet HTML 8Page - Renesas Technology Corp 2SC4899 Datasheet HTML 9Page - Renesas Technology Corp 2SC4899 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC4899
Rev.3.00 Aug 10, 2005 page 7 of 9
S Parameter
(VCE = 5 V, IC = 5 mA, ZO = 50
Ω, Emitter Common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.814
–20.5
13.23
163.0
0.0214
79.4
0.961
–11.8
200
0.740
–39.5
11.84
147.6
0.0403
70.6
0.878
–22.3
300
0.648
–56.3
10.34
134.9
0.0550
64.1
0.780
–29.7
400
0.563
–69.7
8.99
125.2
0.0653
60.6
0.694
–34.9
500
0.499
–80.8
7.81
117.6
0.0744
58.4
0.626
–38.1
600
0.439
–90.8
6.81
111.1
0.0821
57.9
0.571
–40.3
700
0.393
–99.1
6.11
106.0
0.0888
57.8
0.528
–41.8
800
0.356
–107.0
5.44
101.6
0.0956
58.1
0.497
–42.6
900
0.322
–115.5
4.93
97.7
0.102
58.3
0.469
–43.0
1000
0.303
–123.2
4.51
94.6
0.109
59.2
0.452
–43.7
1100
0.275
–129.7
4.17
91.6
0.116
60.3
0.442
–43.8
1200
0.263
–135.1
3.86
88.7
0.125
59.8
0.435
–46.3
1300
0.253
–141.7
3.61
85.9
0.130
60.2
0.414
–47.3
1400
0.242
–148.6
3.37
83.5
0.137
60.6
0.399
–47.4
1500
0.237
–154.2
3.17
81.1
0.144
61.2
0.360
–47.8
1600
0.232
–160.0
3.00
78.7
0.151
61.5
0.383
–48.1
1700
0.224
–166.4
2.83
77.0
0.158
61.8
0.376
–48.8
1800
0.225
–171.0
2.70
74.9
0.165
62.0
0.370
–49.5
1900
0.228
–176.5
2.59
73.0
0.172
62.2
0.363
–50.2
2000
0.223
179.7
2.47
71.3
0.180
62.3
0.359
–51.4
S Parameter
(VCE = 5 V, IC = 10 mA, ZO = 50
Ω, Emitter Common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.688
–29.6
20.06
156.3
0.0201
76.3
0.921
–16.8
200
0.582
–54.7
16.54
137.5
0.0349
67.8
0.780
–28.9
300
0.479
–74.0
13.31
124.0
0.0459
64.0
0.653
–35.6
400
0.399
–89.5
10.97
114.9
0.0544
63.0
0.564
–39.0
500
0.345
–101.3
9.20
108.4
0.0624
62.6
0.501
–40.4
600
0.309
–111.2
7.87
103.1
0.0702
63.7
0.456
–41.0
700
0.280
–120.4
6.90
98.7
0.0782
64.3
0.424
–41.1
800
0.257
–128.5
6.09
95.2
0.0857
65.2
0.402
–41.2
900
0.243
–137.6
5.45
92.0
0.0936
66.0
0.384
–41.0
1000
0.227
–145.3
4.97
89.3
0.102
66.6
0.375
–40.8
1100
0.216
–153.0
4.56
86.8
0.111
67.3
0.373
–40.8
1200
0.207
–156.5
4.22
84.2
0.120
66.9
0.369
–43.5
1300
0.206
–163.1
3.93
82.2
0.126
67.1
0.350
–44.4
1400
0.209
–168.6
3.65
80.0
0.135
67.6
0.339
–44.5
1500
0.204
–176.8
3.43
77.9
0.143
67.5
0.334
–44.4
1600
0.203
180.0
3.24
75.9
0.151
67.7
0.330
–44.6
1700
0.207
173.7
3.06
74.2
0.160
67.6
0.325
–45.5
1800
0.211
169.8
2.91
72.5
0.168
67.5
0.322
–46.1
1900
0.215
164.6
2.78
71.1
0.177
67.4
0.317
–47.2
2000
0.204
161.2
2.66
69.2
0.185
67.2
0.314
–48.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com